Electronic Components Datasheet Search
  English  ▼

X  

GL30G Datasheet(PDF) 1 Page - Glenair, Inc.

Part # GL30G
Description  Underwater Interconnect Assemblies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

GL30G Datasheet(HTML) 1 Page - Glenair, Inc.

  GL30G Datasheet HTML 1Page - Glenair, Inc. GL30G Datasheet HTML 2Page - Glenair, Inc. GL30G Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
21
Geo-Marine® 10KPSI
Underwater Interconnect Assemblies
PRODUCT FEATURES
7.5 Amps to 200 Amps
One to Eight Contacts
10,000 PSI (Mated) Pressure Rating
Catalog and Custom Cable Options
Chemically Resistant
Glenair 10 KPSI Underwater Interconnects provide a cost-effective solution for high pressure
underwater applications. Ideal for any harsh environment application, these molded neoprene cables
and epoxy bulkhead connectors are impervious to most chemicals.
These Connectors Handle the Water—and the Pressure
Male Cable Assembly
Gold-Plated
Pins
Molded
O-Ring
Neoprene
Body
Neoprene
Jacket
Glass-Filled
Epoxy Body
O-Ring
Stainless Steel
Nut and Washer
Solder Cup
Pins
Gold-Plated
Pins
Female Cable Assembly
Neoprene
Body
Neoprene
Jacket
Gold-Plated
Socket
Contacts
Male Bulkhead Connector
Contacts
O-Rings
Nut, Washer
Cable
Bulkhead Connector
Body
Voltage Rating
Current Rating
Temperature Rating
Copper Alloy, Gold-Plated
Nitrile
Stainless Steel
Neoprene insulation, Stranded Copper
Conductor
Glass-Filled Epoxy
600 VDC
See Contact Arrangements
-55o C to +105o C
SPECIFICATIONS


Similar Part No. - GL30G

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL3019 GTM-GL3019 Datasheet
120Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GL3019 ETL-GL3019 Datasheet
122Kb / 1P
N P N E P I T A X I A L P L A N A R T R A N S I S T O R
logo
GTM CORPORATION
GL3055 GTM-GL3055 Datasheet
357Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GL30G

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
AN4505 DYNEX-AN4505 Datasheet
116Kb / 5P
Power Assemblies
logo
Microsemi Corporation
673 MICROSEMI-673 Datasheet
79Kb / 2P
RECTIFIERS ASSEMBLIES
678 MICROSEMI-678 Datasheet
118Kb / 3P
RECTIFIERS ASSEMBLIES
679 MICROSEMI-679 Datasheet
129Kb / 3P
RECTIFIERS ASSEMBLIES
UFB MICROSEMI-UFB Datasheet
136Kb / 3P
RECTIFIERS ASSEMBLIES
US12 MICROSEMI-US12 Datasheet
153Kb / 4P
RECTIFIERS ASSEMBLIES
logo
EPCOS
B57227 EPCOS-B57227 Datasheet
201Kb / 8P
Probe assemblies
logo
Glenair, Inc.
220-07H10 GLENAIR-220-07H10 Datasheet
424Kb / 1P
Receptacle Assemblies
logo
TDK Electronics
B57500K0103A001 TDK-B57500K0103A001 Datasheet
286Kb / 10P
Probe assemblies
B57514K0493A001 TDK-B57514K0493A001 Datasheet
235Kb / 9P
Probe assemblies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com