Electronic Components Datasheet Search
  English  ▼

X  

GP1S28 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1S28
Description  Subminiature Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S28 Datasheet(HTML) 1 Page - Sharp Corporation

  GP1S28 Datasheet HTML 1Page - Sharp Corporation GP1S28 Datasheet HTML 2Page - Sharp Corporation GP1S28 Datasheet HTML 3Page - Sharp Corporation GP1S28 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP1S28
s Outline Dimensions
(Unit : mm )
s Absolute Maximum Ratings
(Ta = 25˚C )
s Features
s Applications
1. Ultra-compact
2. PWB mounting type package
1. Cameras
2. Floppy disk drives
GP1S28
Internal connection diagram
(C0.3)
1.2
1.4
Center of light path
(0.3)
4.0
Slit width
(C0.8)
2.54
g
Rest of gate
(2)
0.7
(Detector)
1
2
3
4
4
32
1
1 Anode
2 Cathode
3 Emitter
4 Collector
4 - 0.15
4 - 0.4
g
2.85
3. High sensing accuracy ( Slit width 0.3mm )
Parameter
Symbol
Rating
Unit
Input
Forward current
50
mA
Reverse voltage
6
V
Power dissipation
75
mW
Output
Collector-emitter voltage
35
V
Emitter-collector voltage
6
V
Collector current
20
mA
Collector power dissipation
75
mW
Total power dissipation
100
mW
Operating temperature
- 25 to + 85
˚C
Storage temperature
- 40 to + 100
˚C
260
˚C
*1 For 5 seconds
*1Soldering temperature
I F
V R
P
V ECO
IC
P C
P tot
T opr
T stg
T sol
Subminiature Photointerrupter
V CEO
Soldering area
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
* Tolerance :± 0.2mm
* Burr's dimensions : 0.15MAX.
* Rest of gate: 0.3MAX.
* ( ) : Reference dimensions
* The dimensions indicated by g refer
to those measured from the lead base.
4.0
+ 0.05
- 0.15
4. With mounting boss


Similar Part No. - GP1S28

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S20 SHARP-GP1S20 Datasheet
109Kb / 4P
SUBMINIATURE PHOTOINTERRUPTER
GP1S21 SHARP-GP1S21 Datasheet
49Kb / 4P
Subminiature Photointerrupter
GP1S22 SHARP-GP1S22 Datasheet
49Kb / 4P
Subminiature Photointerrupter
GP1S23 SHARP-GP1S23 Datasheet
44Kb / 4P
Subminiature Photointerrupter
GP1S24 SHARP-GP1S24 Datasheet
46Kb / 4P
Subminiature Photointerrupter
More results

Similar Description - GP1S28

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11B UOT-MIT-4A11B Datasheet
49Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
logo
Sharp Corporation
GP1S23 SHARP-GP1S23 Datasheet
44Kb / 4P
Subminiature Photointerrupter
GP1S24 SHARP-GP1S24 Datasheet
46Kb / 4P
Subminiature Photointerrupter
GP1S30 SHARP-GP1S30 Datasheet
48Kb / 4P
Subminiature Photointerrupter
GP1S37 SHARP-GP1S37 Datasheet
44Kb / 4P
Subminiature Photointerrupter
GP1S07 SHARP-GP1S07 Datasheet
110Kb / 4P
SUBMINIATURE PHOTOINTERRUPTER
GP1S20 SHARP-GP1S20 Datasheet
109Kb / 4P
SUBMINIATURE PHOTOINTERRUPTER
logo
Unity Opto Technology
MIR-3301-P UOT-MIR-3301-P Datasheet
132Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com