Electronic Components Datasheet Search
  English  ▼

X  

GP1S29 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1S29
Description  Subminiature Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S29 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1S29 Datasheet HTML 1Page - Sharp Corporation GP1S29 Datasheet HTML 2Page - Sharp Corporation GP1S29 Datasheet HTML 3Page - Sharp Corporation GP1S29 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
10
9
8
7
6
5
4
3
2
1
0
0
100
75
50
25
0
0.30
0.25
0.20
0.15
0.10
0.05
0
100
75
50
25
0
0
5
2
5
2
5
2
5
2
100
75
50
25
0
500
200
100
50
20
10
5
2
1
5
100
50
10
520
1
0.5
2
0.2
0.1
0.3
0.05
1
2
3
4
5
6
7
8
9
10
1.5mA
10mA
20mA
30mA
40mA
0.02
0.04
0.06
0.08
0.10
0.12
10 %
Test Circuit for Response Time
Output
Input
90 %
Input
Output
Ambient temperature Ta (˚C)
Fig. 5 Collector Current vs. Collector-
emitter Voltage
T a= 75˚C
P C(MAX.)
IF = 50mA
Collector-emitter voltage V CE ( V)
Fig. 8 Collector Dark Current vs. Ambient
Temperature
V CE= 20V
Ambient temperature T a (˚C)
10 -6
10 -7
10 -8
10 -9
10 -10
Fig. 7 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Ambient temperature T a (˚C)
L ( k Ω )
t f
t r
t d
t s
VCC
RD
td
tr
ts
tf
Fig. 6 Collector Current vs.
Ambient Temperature
GP1S29
IC = 100 µ A
V CE=5V
T a= 25˚C
IF = 10mA
IC =50 µ A
IF= 1.5mA
VCE=5V
RL
-25
-25
Fig. 9 Response Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com