Electronic Components Datasheet Search
  English  ▼

X  

GP1S33 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1S33
Description  Subminiature, Reflow Soldering Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S33 Datasheet(HTML) 4 Page - Sharp Corporation

  GP1S33 Datasheet HTML 1Page - Sharp Corporation GP1S33 Datasheet HTML 2Page - Sharp Corporation GP1S33 Datasheet HTML 3Page - Sharp Corporation GP1S33 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GP1S33
01
0
Shield distance L ( mm )
-2
2
20
100
( Detector center )
Shield
L
0
+
-
-
+
0
Shield
Detector
Shield distance L ( mm )
-1
40
60
80
80
60
40
-1
100
20
-2
0
01
2
Fig.11 Relative Collector Current vs.
Shield Distance ( 2 )
Fig.10 Relative Collector Current vs.
Shield Distance ( 1 )
IF= 5mA
VCE =5V
Ta= 25˚C
IF= 5mA
VCE =5V
Ta= 25˚C
q
Please refer to the chapter “ Precautions for Use ” .



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com