Electronic Components Datasheet Search
  English  ▼

X  

1SS387 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1SS387
Description  85 Volts Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS387 Datasheet(HTML) 1 Page - Micro Commercial Components

  1SS387 Datasheet HTML 1Page - Micro Commercial Components 1SS387 Datasheet HTML 2Page - Micro Commercial Components 1SS387 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS387
85 Volts
Switching Diode
Features
•
High speed switching diode
•
Surface mount package
•
For general purpose switching applications
M
echanical Data
•
Case: SOD-523, Molded Plastic
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Polarity: Indicated by Cathode Band
Maximum Ratings @ 25
°C Unless Otherwise Specified
Electrical Characteristics @ 25
°C Unless Otherwise Specified
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
CHARACTERISTICS SYMBOL
Typ
Max
Unit
Conditions
0.62
0.75
1.20
Reverse Current
IR
VF
Forward Voltage
V
www.mccsemi.com
1 of 3
SOD-523
•
Marking: G
TM
Micro Commercial Components
CHARACTERISTICS
SYMBOL
RATING
UNIT
Maximum Reverse Voltage
VRM
85
V
Reverse Voltage
VR
80
V
Average Forward Current
IO
100
mA
Peak forward surge current(10ms)
IFSM
1A
Power Dissipation
P
150
mW
Junction Temperature
TJ
125
Storage Temperature Range
TSTG
-55~125
•
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Revision:
A
20
11/08/26
D
F
I =1mA
F
I =10mA
F
I =100mA
R
V =30V
uA
0.1
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.043
.051
1.10
1.30
C
.030
.033
0.75
0.85
D
.001
.003
0.01
0.07
E
.010
.014
0.25
0.35
F
.003
.00
6
0.08
0.15
G
.020
.028
0.50
0.70
H
.020
.031
0.51
0.7
7
A
B
E
C
H
G
D
F
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
0.5
uA
VR=80V
Total Capaciatnce
CT
3.0
pF
VR=0V,f=1MHZ
Reverse recovery time
trr
4
ns
VR=6V,IF=10mA
RL=100Ω


Similar Part No. - 1SS387

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS387 TOSHIBA-1SS387 Datasheet
125Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
logo
Weitron Technology
1SS387 WEITRON-1SS387 Datasheet
376Kb / 3P
High Speed Switching Diodes
logo
TRANSYS Electronics Lim...
1SS387 TEL-1SS387 Datasheet
97Kb / 2P
Plastic-Encapsulate Diodes
logo
Toshiba Semiconductor
1SS387 TOSHIBA-1SS387 Datasheet
205Kb / 4P
Ultra High Speed Switching Applications
logo
Galaxy Semi-Conductor H...
1SS387 BILIN-1SS387 Datasheet
169Kb / 3P
High Speed Switching Diode
Rev.A
More results

Similar Description - 1SS387

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
1SS387PT CHENMKO-1SS387PT Datasheet
72Kb / 2P
SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.1 Ampere
1SS420PT CHENMKO-1SS420PT Datasheet
78Kb / 2P
SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAV99N1PT CHENMKO-BAV99N1PT Datasheet
85Kb / 2P
SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAV99PT CHENMKO-BAV99PT Datasheet
75Kb / 2P
SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAV99TPT CHENMKO-BAV99TPT Datasheet
71Kb / 2P
SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAV99WPT CHENMKO-BAV99WPT Datasheet
73Kb / 2P
SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAW56N1PT CHENMKO-BAW56N1PT Datasheet
81Kb / 2P
SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAW56TPT CHENMKO-BAW56TPT Datasheet
72Kb / 2P
SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAW56WPT CHENMKO-BAW56WPT Datasheet
81Kb / 2P
SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
logo
Micro Commercial Compon...
1SS387 MCC-1SS387_13 Datasheet
423Kb / 3P
85 Volts Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com