Electronic Components Datasheet Search
  English  ▼

X  

1SS388 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1SS388
Description  45 Volts Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS388 Datasheet(HTML) 1 Page - Micro Commercial Components

  1SS388 Datasheet HTML 1Page - Micro Commercial Components 1SS388 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS388
45 Volts
Switching Diode
Features
•
High speed switching diode
•
Surface mount package
•
For general purpose switching applications
M
echanical Data
•
Case: SOD-523, Molded Plastic
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Polarity: Indicated by Cathode Band
Maximum Ratings @ 25
°C Unless Otherwise Specified
Electrical Characteristics @ 25
°C Unless Otherwise Specified
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
CHARACTERISTICS SYMBOL
Typ
Max
Unit
Conditions
0.28
0.36
0.60
Reverse Current
IR
Total Capaciatnce
CT
18
25
pF
VR=0V,f=1MHZ
VF
Forward Voltage
V
www.mccsemi.com
1 of 2
0.54
SOD-523
•
Marking: S3
TM
Micro Commercial Components
CHARACTERISTICS
SYMBOL
RATING
UNIT
Maximum Reverse Voltage
VRM
45
V
Reverse Voltage
VR
40
V
Average Forward Current
IO
100
mA
Peak forward surge current
IFSM
1A
Power Dissipation
P
150
mW
Junction Temperature
TJ
125
Storage Temperature Range
TSTG
-55~125
•
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Revision:
A
20
11/01/01
D
F
I =1mA
F
I =10mA
F
I =50mA
R
V =10V
uA
5
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.043
.051
1.10
1.30
C
.030
.033
0.75
0.85
D
.001
.003
0.01
0.07
E
.010
.014
0.25
0.35
F
.003
.00
6
0.08
0.15
G
.020
.028
0.50
0.70
H
.020
.031
0.51
0.7
7
A
B
E
C
H
G
D
F
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - 1SS388

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS388 TOSHIBA-1SS388 Datasheet
123Kb / 2P
DIODE (HGH SPEED SWITCHING APPLICATION)
1SS388 TOSHIBA-1SS388 Datasheet
217Kb / 3P
High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS388 BILIN-1SS388 Datasheet
249Kb / 3P
High Speed Switching Diode
Rev.A
logo
Guangdong Kexin Industr...
1SS388 KEXIN-1SS388 Datasheet
32Kb / 1P
HIGH SPEED SWITCHING APPLICATION
logo
SEMTECH ELECTRONICS LTD...
1SS388 SEMTECH_ELEC-1SS388 Datasheet
217Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
More results

Similar Description - 1SS388

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED30KB45 SSDI-SED30KB45 Datasheet
153Kb / 2P
30 AMPS 45 VOLTS POWER SCHOTTKY DIODE
logo
Micro Commercial Compon...
1N4448W MCC-1N4448W Datasheet
198Kb / 4P
500mW 100 Volts Switching Diode
1SS357 MCC-1SS357 Datasheet
196Kb / 2P
45 Volt Switching Diode
1SS387 MCC-1SS387 Datasheet
399Kb / 3P
85 Volts Switching Diode
1SS389 MCC-1SS389 Datasheet
230Kb / 2P
15 Volts Switching Diode
1SS387 MCC-1SS387_13 Datasheet
423Kb / 3P
85 Volts Switching Diode
1SS388 MCC-1SS388_13 Datasheet
241Kb / 2P
45 Volts Switching Diode
1SS389 MCC-1SS389_13 Datasheet
266Kb / 2P
15 Volts Switching Diode
1SS357 MCC-1SS357_13 Datasheet
381Kb / 3P
45 Volt Switching Diode
DA227 MCC-DA227 Datasheet
721Kb / 3P
80 Volts Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com