Electronic Components Datasheet Search
  English  ▼

X  

1SS389 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1SS389
Description  15 Volts Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS389 Datasheet(HTML) 1 Page - Micro Commercial Components

  1SS389 Datasheet HTML 1Page - Micro Commercial Components 1SS389 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS389
15 Volts
Switching Diode
Features
•
High speed switching diode
•
Surface mount package
•
For general purpose switching applications
M
echanical Data
•
Case: SOD-523, Molded Plastic
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Polarity: Indicated by Cathode Band
Maximum Ratings @ 25
°C Unless Otherwise Specified
Electrical Characteristics @ 25
°C Unless Otherwise Specified
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
CHARACTERISTICS SYMBOL
Typ
Max
Unit
Conditions
0.18
,) P$
0.23
,) 5 P$
0.50
,) P$
Reverse Current
IR
A
vR=10V
Total Capaciatnce
CT
20
40
PF
VR=0V,f=1MHZ
VF
Forward Voltage
V
www.mccsemi.com
1 of 2
0.30
0.35
20
0.30
u
SOD-523
•
Marking: S4
TM
Micro Commercial Components
CHARACTERISTICS
SYMBOL
RATING
UNIT
Maximum Reverse Voltage
VRM
15
V
Reverse Voltage
VR
10
V
Average Forward Current
IO
100
mA
Peak forward surge current
IFSM
1A
Power Dissipation
P
150
mW
Junction Temperature
TJ
125
Storage Temperature Range
TSTG
-55~125
•
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Revision:
A
20
11/01/01
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.043
.051
1.10
1.30
C
.030
.033
0.75
0.85
D
.001
.003
0.01
0.07
E
.010
.014
0.25
0.35
F
.003
.00
6
0.08
0.15
G
.020
.028
0.50
0.70
H
.020
.031
0.51
0.7
7
A
B
E
C
H
G
D
F
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - 1SS389

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS389 TOSHIBA-1SS389 Datasheet
121Kb / 2P
DIODE (HIGH SEPPD SWITCHING APPLICATION)
07-May-1997
1SS389 TOSHIBA-1SS389 Datasheet
201Kb / 3P
High Speed Switching Application
01-Nov-2007
logo
Galaxy Semi-Conductor H...
1SS389 BILIN-1SS389 Datasheet
199Kb / 3P
Schottky Barrier Diode
Rev.A
logo
Guangdong Kexin Industr...
1SS389 KEXIN-1SS389 Datasheet
32Kb / 1P
HIGH SPEED SWITCHING APPLICATION
logo
SEMTECH ELECTRONICS LTD...
1SS389 SEMTECH_ELEC-1SS389 Datasheet
130Kb / 1P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
More results

Similar Description - 1SS389

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4448W MCC-1N4448W Datasheet
198Kb / 4P
500mW 100 Volts Switching Diode
1SS244 MCC-1SS244 Datasheet
461Kb / 3P
300mW Switching Diode 250 Volts
1SS387 MCC-1SS387 Datasheet
399Kb / 3P
85 Volts Switching Diode
1SS388 MCC-1SS388 Datasheet
218Kb / 2P
45 Volts Switching Diode
1N4448W MCC-1N4448W_13 Datasheet
228Kb / 4P
500mW 100 Volts Switching Diode
1SS387 MCC-1SS387_13 Datasheet
423Kb / 3P
85 Volts Switching Diode
1SS388 MCC-1SS388_13 Datasheet
241Kb / 2P
45 Volts Switching Diode
1SS389 MCC-1SS389_13 Datasheet
266Kb / 2P
15 Volts Switching Diode
BAV116W MCC-BAV116W Datasheet
395Kb / 3P
350mW SWITCHING DIODE 130 Volts
DA227 MCC-DA227 Datasheet
721Kb / 3P
80 Volts Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com