Electronic Components Datasheet Search
  English  ▼

X  

1SS400 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1SS400
Description  90Volts High Speed Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS400 Datasheet(HTML) 1 Page - Micro Commercial Components

  1SS400 Datasheet HTML 1Page - Micro Commercial Components 1SS400 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS400
90Volts High Speed
Switching Diodes
Features
•
High speed switching diode
•
Small Surface Mount Type
•
High Reliability with High Surge Current Handing Capability
Mechanical Data
•
Case: SOD-523
Maximum Ratings @ 25
°C Unless Otherwise Specified
Maximum RMS Voltage
VR
80
V
Peak
Reverse Voltage
VRM
90
V
Average Forward
Rectified Current
IO
100
mA
Peak Forward Current
I FM
225
mA
Surge Current(1S)
Isurge
500
mA
Storage Temperature Range
TSTG
-55 to +125
Junction Temperature
Tj
125
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Maximum Instantaneous
Forward Voltage
VF
1.20V
IFM = 100mA;
TJ = 25
Maximum Average
Reverse Current
IR
0.1uA
VR=80Volts
TJ = 25
Capacitance between
Terminals
CT
3.0pF
Measured at
1.0MHz, VR=0.5V
Reverse Recovery Time
Trr
4nS
IF=10mA
VR = 6V,RL=100
¡
SOD-523
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Marking: A
www.mccsemi.com
1 of 2
•
•
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
Revision:
A
20
11/01/01
A
B
E
C
H
G
D
F
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.043
.051
1.10
1.30
C
.030
.033
0.75
0.85
D
.001
.003
0.01
0.07
E
.010
.014
0.25
0.35
F
.003
.00
6
0.08
0.15
G
.020
.028
0.50
0.70
H
.020
.031
0.51
0.7
7
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - 1SS400

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400 ROHM-1SS400 Datasheet
359Kb / 3P
Switching diode
logo
Leshan Radio Company
1SS400 LRC-1SS400 Datasheet
50Kb / 2P
Switching diode
logo
Weitron Technology
1SS400 WEITRON-1SS400 Datasheet
520Kb / 3P
Surface Mount Switching Diodes
logo
Pan Jit International I...
1SS400 PANJIT-1SS400 Datasheet
140Kb / 4P
SURFACE MOUNT SWITCHING DIODE
logo
TRANSYS Electronics Lim...
1SS400 TEL-1SS400 Datasheet
96Kb / 2P
Plastic-Encapsulate Diodes
More results

Similar Description - 1SS400

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
High Speed SWITCHING Diodes
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Micro Commercial Compon...
1SS400G MCC-1SS400G Datasheet
251Kb / 3P
90Volts High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
High Speed SWITCHING Diodes
logo
Micro Commercial Compon...
1SS400 MCC-1SS400_13 Datasheet
240Kb / 2P
90Volts High Speed Switching Diodes
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
High Speed Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
High-speed switching diodes
Rev. 6-18 March 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com