Electronic Components Datasheet Search
  English  ▼

X  

2N2222 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2N2222
Description  NPN Switching Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N2222 Datasheet(HTML) 2 Page - Micro Commercial Components

  2N2222 Datasheet HTML 1Page - Micro Commercial Components 2N2222 Datasheet HTML 2Page - Micro Commercial Components 2N2222 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Symbol
Parameter
Min
Max
Units
ON CHARACTERISTICS*
VCE(sat)
Collector-Emitter Saturation Voltage8
(IC=150mAdc, IB=15mAdc)
2N2222
(IC=500mAdc, IB=50mAdc)
---
---
400
1.6
mVdc
Vdc
VCE(sat)
Collector-Emitter Saturation Voltage*
(IC=150mAdc, IB=15mAdc)
2N2222A
(IC=500mAdc, IB=50mAdc)
---
---
300
1.0
mVdc
Vdc
VBE(sat)
Base-Emitter Saturation Voltage *
(IC=150mAdc, IB=15mAdc)
2N2222
(IC=500mAdc, IB=50mAdc)
---
---
1.3
2.6
Vdc
Vdc
VBE(sat)
Base-Emitter Saturation Voltage*
(IC=150mAdc, IB=15mAdc)
2N2222A
(IC=500mAdc, IB=50mAdc)
0.6
---
1.2
2.0
Vdc
Vdc
SMALL-SIGNAL CHARACTERISTICS
COB
Output Capacitance
(VCB=10Vdc,IE=ie=0, f=1.0MHz)
---
8.0
pF
SWITCHING CHARACTERISTICS
Td
Delay Time
---
10
ns
tr
Rise Time
---
25
ns
ts
Storage Time
---
200
ns
tf
Fall Time
ICON=150mAdc,
IBON=15mAdc, IB(off)=15mAdc
---
60
ns
* Pulse Test: tp
300us, Duty Cycle
2.0%
2N2222,2N2222A
MCC
fT
TransitionFrequency
(VCE=20Vdc,IC=20mAdc, f=100MHz)
2N2222
250
---
MHz
2N2222A
300
---
MHz
NF
Noise Figure
(VCE=5.0Vdc,IC=200uAdc, Rs=2.0KOHM,f=1.0kHz,B=200Hz)
2N2222A
---
4.0
dB
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com