Electronic Components Datasheet Search
  English  ▼

X  

2N3501 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2N3501
Description  150 Volts 500mAmps TO-39 Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N3501 Datasheet(HTML) 2 Page - Micro Commercial Components

  2N3501 Datasheet HTML 1Page - Micro Commercial Components 2N3501 Datasheet HTML 2Page - Micro Commercial Components 2N3501 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHARACTERISTICS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Off Characteristics
Collector-Emitter Breakdown Voltage(1)
(IC = 10 mAdc, IB = 0)
BVCEO
150
--
--
Vdc
Collector-Base Breakdown Voltage
(IC = 10
µAdc, IE = 0)
BVCBO
150
--
--
Vdc
Emitter-Base Breakdown Voltage
(IE = 10
µAdc, IC = 0)
BVEBO
6.0
--
--
Vdc
Collector Cutoff Current
(VCB = 75 Vdc, IE = 0)
(VCB = 75 Vdc, IE = 0, TA = 150
oC)
ICBO
--
--
--
--
0.05
50
µAdc
Emitter Cutoff Current
(VEB(off) = 4.0 Vdc, IC = 0)
IEBO
--
--
25
nAdc
D.C. Current Gain
(IC = 0.1 mAdc, VCE = 10 Vdc)
(IC = 1.0 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc)(1)
(IC = 150 mAdc, VCE = 10 Vdc)(1)
(Ic = 150 mAdc, VCE = 10Vdc) @ 55C
(IC = 300 mAdc, VCE = 10 Vdc)(1)
hFE
35
50
75
100
45
20
--
--
--
--
--
--
--
--
--
300
--
--
--
Collector-Emitter Saturation Voltage(1)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 150 mAdc, IB = 15 mAdc)
VCE(Sat)
--
--
--
--
0.2
0.4
Vdc
Base-Emitter Saturation Voltage(1)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 150 mAdc, IB = 15 mAdc)
VBE(Sat)
--
--
--
--
0.8
1.2
Vdc
Magnitude of common emitter small-signal short-circuit forward current
transfer ratio
(VCE = 20 Vdc, IC = 20 mAdc, f = 100 MHz)
/hfe/
1.5
--
8
--
Output Capacitance
(VCB = 10 Vdc, IE = 0, 100kHz < f < 1MHz)
COBO
--
--
8.0
pf
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, 100kHz < f < 100MHz)
CIBO
--
--
80
pf
Small -signal Current Gain
(Ic = 10mAdc, VCE = 10Vdc, f = 1.0 kHz)
hfe
75
--
300
Noise figure
(VCE = 10Vdc, IC = 0.5mAdc; Rg = 1kohms, f = 1MHz)
NF
16
dB
Noise figure
( VCE = 10Vdc, IC = 0.5mAdc; Rg = 1kohms, f = 1MHz)
NF
6
dB
Turn - on time
( VEB = 12Vdc, IC = 150mAdc, IB1 = 15mAdc)
ton
115
nS
Turn - off time
( IC = 150mAdc, IB1 = IB2 = -15mAdc)
toff
1150
nS
Electrical Parameters (TA @ 25
°°C unless otherwise specified)
2N3501
(1)
Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com