Electronic Components Datasheet Search
  English  ▼

X  

GP1S58V Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1S58V
Description  Compact Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S58V Datasheet(HTML) 1 Page - Sharp Corporation

  GP1S58V Datasheet HTML 1Page - Sharp Corporation GP1S58V Datasheet HTML 2Page - Sharp Corporation GP1S58V Datasheet HTML 3Page - Sharp Corporation GP1S58V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP1S53V/GP1S58V
s Outline Dimensions
(Unit : mm )
s Features
s Absolute Maximum Ratings
(Ta = 25˚C )
s Applications
*1 Pulse width <=100
µ s, Duty ratio= 0.01
*2 For 5 seconds
GP1S53V/GP1S58V
1. Compact type
3. PWB direct mounting type
4. With positioning pin (GP1S58V )
1. OA equipment, such as FDDs, printers,
facsimiles
2. VCRs
3. Optoelectronic switches
diagram
Internal connection
6.5
2.5
3
4
2
1
1
2
3
4
1 Anode
2 Cathode
3 Collector
4 Emitter
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
75
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
20
mA
Collector power dissipation
P C
75
mW
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
Tstg
- 40 to + 100
˚C
*2 Soldering temperature
Tsol
260
˚C
Compact Photointerrupter
2. High sensing accuracy ( Slit width : 0.5mm )
13.7
+ 0.3
- 0.3
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
*Unspecified tolerances
(10.3)
Internal connection
diagram
1
2
4
3
1
2
4
3
1 Anode
2 Cathode
3 Collector
4 Emitter
shall be as follows ;
Dimensions(d) Tolerance
d<= 6.0
± 0.1
6.0 < d<=18.0
± 0.2
13.7
+ 0.3
- 0.3
GP1S53V
B
A
A’
B’
0.5
B-B ’ section
0.5
C1
(2.54)
A-A ’ section
* ( ) : Reference dimensions
(10.3)
B
A
A’
B’
0.5
B-B’ section
0.5
C1
(2.54)
A-A’ section
GP1S58V
*Unspecified tolerances
Dimensions(d) Tolerance
d<= 6.0
± 0.1
6.0 < d<=18.0
± 0.2
shall be as follows;
* ( ) : Reference dimensions
2 -
φ 0.7
5.0
+ 0.2
- 0.1
0.4
+ 0.3
- 0.1
0.45
+ 0.3
- 0.1
5.0
+ 0.2
- 0.1
0.45
+ 0.3
- 0.1
0.4
+ 0.3
- 0.1


Similar Part No. - GP1S58V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S58VJ000F SHARP-GP1S58VJ000F Datasheet
178Kb / 12P
Gap : 5mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
More results

Similar Description - GP1S58V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A73A SHARP-GP1A73A Datasheet
51Kb / 4P
Compact OPIC Photointerrupter with Connector
GP1A74A SHARP-GP1A74A Datasheet
51Kb / 4P
Compact OPIC Photointerrupter with Connector
GP1S560 SHARP-GP1S560 Datasheet
48Kb / 4P
Compact, High Sensing Accuracty Type Photointerrupter
GP1S561 SHARP-GP1S561 Datasheet
55Kb / 4P
Compact and Thin Photointerrupter
GP1S562 SHARP-GP1S562 Datasheet
61Kb / 4P
Compact Photointerrupter with Holders
GP1S73P SHARP-GP1S73P Datasheet
64Kb / 5P
Compact Photointerrupter with Connector
GP2L20L SHARP-GP2L20L Datasheet
48Kb / 4P
Compact, Thin Type Photointerrupter
GP2L23L SHARP-GP2L23L Datasheet
45Kb / 4P
Compact, Thin Type Photointerrupter
GP1S53 SHARP-GP1S53 Datasheet
137Kb / 4P
Compact Photointerrupter
GP1S73P2 SHARP-GP1S73P2 Datasheet
83Kb / 6P
Compact Photointerrupter with Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com