Electronic Components Datasheet Search
  English  ▼

X  

GP1S562 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1S562
Description  Compact Photointerrupter with Holders
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S562 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1S562 Datasheet HTML 1Page - Sharp Corporation GP1S562 Datasheet HTML 2Page - Sharp Corporation GP1S562 Datasheet HTML 3Page - Sharp Corporation GP1S562 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP1S562
0
0
20
16
12
8
4
10
8
6
4
2
V CE=5V
T a = 25˚C
Forward current I F ( mA )
0
0
24
68
10
2
4
6
8
10
T a= 25˚C
IF= 50mA
CE ( V )
025
50
0
2
1
75 85
3
4
-25
Ambient temperature T a (˚C)
025
50
0
0.15
0.1
75 85
0.2
Ambient Temperature
-25
Ambient temperature Ta
Voltage
Temperature
1
100
10
10
0.1
1
L
Fig. 5 Collector Current vs. Forward Current
40mA
30mA
20mA
10mA
Fig. 6 Collector Current vs. Collector-emitter
Collector-emitter voltage V
Fig. 8 Collector-emitter Saturation Voltage vs.
( ˚C)
Fig. 7 Collector Current vs. Ambient
( k
Ω )
10 %
Test Circuit for Response Time
Output
Input
90 %
Input
Output
RD
VCC
RL
td
tr
ts
tf
V CE=5V
IC= 2mA
T a= 25˚C
t f
t r
ts
t d
ts
t f
t r
t d
Fig. 9 Response Time vs. Load Resistance
Load resistance R
VCE=5V
IF=20mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com