Electronic Components Datasheet Search
  English  ▼

X  

BP5221A Datasheet(PDF) 7 Page - Rohm

Part # BP5221A
Description  Step-down DC/DC Converters(Non-isolated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5221A Datasheet(HTML) 7 Page - Rohm

  BP5221A Datasheet HTML 1Page - Rohm BP5221A Datasheet HTML 2Page - Rohm BP5221A Datasheet HTML 3Page - Rohm BP5221A Datasheet HTML 4Page - Rohm BP5221A Datasheet HTML 5Page - Rohm BP5221A Datasheet HTML 6Page - Rohm BP5221A Datasheet HTML 7Page - Rohm BP5221A Datasheet HTML 8Page - Rohm BP5221A Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet
BP5220A/BP5221A/BP5222A
BP5222A
025
50
70
0.5
0.4
0.3
0.2
0.1
100
120
0.6
Vi=15 to 20V
Vi=30V
Vi=38V
Fig.16 Derating curve
100
80
60
40
20
0
0.1
0.2
0.3
0.4
0.5
Vi=30V
Vi=23V
Vi=38V
Fig.17 Efficiency
+
97
+
654321
BP5220A / BP5221A / BP5222A
Pin 9 sink current
Voltage difference
between pins 2 and 9
Fig.19 ASO measurement circuit
Fig.18 Safety operation range
4.5A
10
2.2A
1
0.1
110
100
Pw=1ms
Pw=10ms
Tc=25
°C
SINGLE PULSE
VOLTAGE BETWEEN PIN2 AND PIN9 (V)
OUTPUT CURRENT : IO (A)
AMBIENT TEMPERATURE : Ta(
°C)
7/7
2010.03 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com