Electronic Components Datasheet Search
  English  ▼

X  

GP2A16 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2A16
Description  Visible Light Cut-off Type Photointerrupters with Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A16 Datasheet(HTML) 4 Page - Sharp Corporation

  GP2A16 Datasheet HTML 1Page - Sharp Corporation GP2A16 Datasheet HTML 2Page - Sharp Corporation GP2A16 Datasheet HTML 3Page - Sharp Corporation GP2A16 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GP2A16/GP2A18F
s Recommended Connectors on the Inserted Side
q JAPAN AMP made El series connectors
Housing color
Black
Blue
Green
Red
Housing Model No.
172142-3
2-172142-3
4-172142-3
6-172142-3
8-172142-3
Special
terminal
Model. No.
( Material:
phosphor
bronze )
AWG
size
Product shape
Model No.
AWG
26 to 22
Bulk
170369-1
Chain
170354-1
AWG
30 to 26
Bulk
170370-1
Chain
170355-1
q JAPAN AMP made El series connectors
q JAPAN AMP made El series connectors
Housing color
Black
Blue
Green
Red
Housing Model No.
2-171822-3
4-171822-3
6-171822-3
8-171822-3
Special
terminal
Model. No.
AWG
size
Product
shape
Material
Model No.
AWG
26 to 20
Bulk
Brass
170204-1
phosphor
bronze
170204-2
Chain
Brass
170262-1
phosphor
bronze
170262-2
AWG
30 to 26
Bulk
Brass
170205-1
phosphor
bronze
170205-2
Chain
Brass
170263-1
phosphor
bronze
170263-2
Housing-terminal
united type
connector
AWG28
( Green )
AWG26
( Natural
color )
AWG24
( Black )
AWG22
(Red)
172054-3 172053-3 172052-3 172051-3
171822-3
Natural
color
Natural
color
g Terminal Material: phosphor bronze
+
-
VE
V
VCC = 5V
Test Circuit
d
Reflective
object
Test Circuit for Detecting Position Characteristics
(GP2A16/GP2A18F )
Test Arrangement
GP2A16/GP2A18F
(Standard type)
(Low profile type)
(Amp mass termination)
q
Please refer to the chapter “ Precautions for Use” ( Page 78 to 93 )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com