Electronic Components Datasheet Search
  English  ▼

X  

GP2A18F Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2A18F
Description  Visible Light Cut-off Type Photointerrupters with Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A18F Datasheet(HTML) 1 Page - Sharp Corporation

  GP2A18F Datasheet HTML 1Page - Sharp Corporation GP2A18F Datasheet HTML 2Page - Sharp Corporation GP2A18F Datasheet HTML 3Page - Sharp Corporation GP2A18F Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP2A16/GP2A18F
GP2A16/GP2A18F
s Outline Dimensions
(Unit : mm)
s Absolute Maximum Ratings
( Ta= 25˚C)
s Applications
s Features
1. Visible light cut-off type
3. Long focal distance type
with control circuit
Detecting range: GP2A16 : 2.0 to 7.0 mm,
4. With a 3-pin connector for easier interface
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
7V
VO
30
V
IOL
6mA
T opr
- 10 to + 70
˚C
T stg
- 40 to + 80
˚C
∗1Output voltage
∗2Low level output current
∗3Operating temperature
∗3Storage temperature
1
2
3
Comparator
3
2
1
Polyester film
**
Internal connection diagram
Internal connection diagram
Polyester film
(10.4)
* ( ) : Reference dimensions
g JAPAN AMP made EI3 - pin
connector No. 171825 - 3
(10.4)
1. Printers
3. Facsimiles
At detection (GP2A18F)
∗2 At detection (GP2A16)
GP2A16
GP2A18F
1
2
3
g
g
At non detection (GP2A18F)
Visible Light Cut-off Type
Photointerrupters with
Connector
GP2A18F: 4.0 to 5.0 mm
∗1 At non detection (GP2A16)
2. Copies
∗3 The connector should be plugged in/out at normal temperature.
connector No.171825 - 3
Comparator
1
2
3
2. Dust-protection type ( GP2A18F )
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
1 Vcc
2 Vo
3 GND
2 - φ 3.2 ± 0.1
15.0 ± 0.5
24.0
± 0.2
7.5
± 0.2
5.0 ± 0.2
43.0
± 0.3
12.5
± 0.2
1 Vcc
2 Vo
3 GND
2 - φ 3.2
± 0.1
15.0
± 0.5
5.0
± 0.2
12.5
± 0.2
43.0
± 0.3
24.0
± 0.2
7.5
± 0.2
g JAPAN AMP made EI3 - pin
* ( ): Reference dimensions


Similar Part No. - GP2A18F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A10 SHARP-GP2A10 Datasheet
73Kb / 3P
LONG FOCAL DISTANCE OPEN COLLECTOR OUTPUT REFLECTIVE TYPE OPIC PHOTOINTERRUPTER
GP2A11 SHARP-GP2A11 Datasheet
116Kb / 4P
LIGHT MODULATION REFLECTIVE TYPE OPIC PHOTOINTERRUPTER
GP2A12F SHARP-GP2A12F Datasheet
84Kb / 3P
Long Focal Distance, Open Collector Output, Reflective type OPIC Photointerrupter
More results

Similar Description - GP2A18F

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0011184403 MOLEX11-0011184403 Datasheet
20Kb / 1P
Cut-off Punch
0011404420 MOLEX11-0011404420 Datasheet
20Kb / 1P
Cut Off Punch
11-18-4109 MOLEX11-11-18-4109 Datasheet
32Kb / 1P
Cut-off Punch
11-18-4447 MOLEX11-11-18-4447 Datasheet
30Kb / 1P
Cut-off Punch
63469-0004 MOLEX11-63469-0004 Datasheet
31Kb / 1P
Cut-off Punch
logo
KODENSHI_AUK CORP.
G310 KODENSHI-G310 Datasheet
151Kb / 3P
Anti-visible rays due to visible ray cut resin for detector type
PIE310 KODENSHI-PIE310 Datasheet
128Kb / 2P
Anti-visible rays due to visible ray cut resin for detector type
SG-107LF KODENSHI-SG-107LF Datasheet
153Kb / 3P
Visible light cut type
SG113 KODENSHI-SG113 Datasheet
148Kb / 3P
Visible light cut type
ST341R2 KODENSHI-ST341R2 Datasheet
146Kb / 2P
Visible light cut
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com