Electronic Components Datasheet Search
  English  ▼

X  

XG5 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XG5
Description  IDC Sockets for Discrete Wires
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG5 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XG5 Datasheet HTML 1Page - Omron Electronics LLC XG5 Datasheet HTML 2Page - Omron Electronics LLC XG5 Datasheet HTML 3Page - Omron Electronics LLC XG5 Datasheet HTML 4Page - Omron Electronics LLC XG5 Datasheet HTML 5Page - Omron Electronics LLC XG5 Datasheet HTML 6Page - Omron Electronics LLC XG5 Datasheet HTML 7Page - Omron Electronics LLC XG5 Datasheet HTML 8Page - Omron Electronics LLC XG5 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
64
IDC Sockets for Discrete Wires
XG5
■ Materials and Finish
Note: For non-standard plating, contact your OMRON representative.
■ Applicable Wires and Contact Sizes
Note: The contact numbers are marked on the contact insulation barrels.
Assembled Configuration
■ Insulation Displacement (IDC) versus Crimp Termination
IDC termination provides the following advantages over crimp style termination, when using discrete wires;
• Overall cost is lower, because less manhours are required. Wire
stripping is eliminated and inspection is easier.
• IDC termination provides consistent quality, improving yield.
• XG5 terminals are installed in the socket housing at the factory,
simplifying the Bill of Material and parts control.
• Optional replacement IDC terminals facilitates re-configuration of wiring.
Assembly
Applicable Mating Plugs
Housing
Fiber-glass reinforced PBT resin
(UL94V-0)/black
Contacts
Mating end
Phosphor-bronze/nickel base,
0.15-
μm gold plating (See note.)
Terminals
Phosphor-bronze/nickel base,
2.0-
μm solder plating
Cover
Fiber-glass reinforced polyamide
resin (UL94V-0)/black
Cable tie
Polyamide resin (UL94V-0)/natural
Size #1
AWG24 (For UL-1061)
Insulation outside diameter:
1.1 to 1.3 mm}
Core structure: 7 strands or
more
Size #2
AWG28 or AWG26 (For
UL-1007)
Socket
Wire
Discrete wires
Connections
IDC Tool
Hood Cover
Cover
Semi-cover
Vertical
Horizontal
Assembled unit
Double-row
Assembled
Simple IDC Tool
(See the “XG
@ - Assembly Tooling and Accessories”
datasheet for details.)
Double rows
with polarity
guide
(lockable)
Double rows
with polarity
guide
(lockable)
Double rows
with polarity
guide
(lockable)
XG4A
PCB Plugs with Long Locks
XG4A
PCB Plugs w/o Lock Lever
XG4A
PCB Double-row Plugs
(See Note 3)
XG4E
IDC Flat Cable Plugs
XG4C
PCB Box-type Plugs
XG8W/XG8B
Double-row Unshrouded Plugs
Note: 1. See XG4 and XG8 datasheets
for plug dimensions.
2. When using the XG4A or XG4C,
the number of XG4A or XG4C's
polarity slots must be the same
as the number of XG5M-N polar-
ity guides.
3. Mount external Lock Levers after
soldering.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com