Electronic Components Datasheet Search
  English  ▼

X  

XS2 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # XS2
Description  Round Water-resistant Connectors (M12)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button XS2 Datasheet HTML 10Page - Omron Electronics LLC XS2 Datasheet HTML 11Page - Omron Electronics LLC XS2 Datasheet HTML 12Page - Omron Electronics LLC XS2 Datasheet HTML 13Page - Omron Electronics LLC XS2 Datasheet HTML 14Page - Omron Electronics LLC XS2 Datasheet HTML 15Page - Omron Electronics LLC XS2 Datasheet HTML 16Page - Omron Electronics LLC XS2 Datasheet HTML 17Page - Omron Electronics LLC XS2 Datasheet HTML 18Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Round Water-resistant Connectors (M12)
XS2
153
Dimensions
(Unit: mm)
Ordering Information
XS2H Plug on One Cable End (M12)
2
1
7
3
4
8
5
6
M12
5
50
30
L
44.7
14.9 dia.
1
2
3
7
6
8
5
4
M12
50
5
30
L
40.7
14.9 dia.
XS2F Socket on One Cable End (M12)
1
2
3
7
6
8
5
4
M12
L
40.7
14.9 dia.
44.7
14.9 dia.
M12
5
6
7
12
3
4
8
XS2W Plug and Socket on Cable Ends (M12)
XS2P-D821-2 Panel-mounting Socket (M12) with Solder Cup
Pins and Rear Lock
XS2M-D824-4 Panel-mounting Plug (M12) with Solder Cup
Pins and Front Lock
XS2P-D822-2 Panel-mounting Socket (M12) with Solder Cup
Pins and Front Lock
M12
20 dia. 14 dia.
2.5
20.4
5
3
10.5
M16
M16 nut
Panel
3
1.5
Seal rubber
7
7
M12
M16 nut
M16
Seal rubber
10.6 dia.
5
3
3
3
Panel
20.9
8.7
20 dia.
M12
Seal rubber
1.5
3
Panel
M16 nut
14 dia.
14 dia.
20 dia.
M16
3
5
6
8.7
20.4
7
16
+0.2
0
dia.
7
+0.1
0
24 min.
3
3
2
2
1
1
7
7
6
6
8
8
5
5
4
4
Plug
Socket
Panel Cutouts
Connector Pin Numbers
(from Mating Side)
Note: 1. Mounting panel thickness: 1 to 4 mm.
2. Applicable core wire size for solder cup pins: 0.5 mm2 max.
3. The M16 nut and seal rubber are included.
Mounting method
Pin shape
Model
Minimum order
Embedded with screw threads
Solder cup pin
XS2M-D421
50
Embedded with no screw threads
XS2M-D422
Flange-mounting
XS2M-D423
Screw-mounting
Through-hole PCB pin
XS2M-D424-1
Solder cup pin
XS2M-D424-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com