Electronic Components Datasheet Search
  English  ▼

X  

GP2D03 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2D03
Description  Paper Size Sensor System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2D03 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2D03 Datasheet HTML 1Page - Sharp Corporation GP2D03 Datasheet HTML 2Page - Sharp Corporation GP2D03 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GP2D03
GP2D03
s Outline Dimensions
(Unit : mm )
s Features
s Applications
(Ta = 25˚C)
s Specifications
1. Paper size sensor system
• 2-beam paper size sensor GP2D03 3pcs.
•E
2
2. High sensitive detection because of less
influence on the color or reflectivity of refl-
ective object thanks to position sensitive
detector ( PSD)
3. 2-beam type (
store thresh level for the existence of
reflective object
( E
2
1. Copiers
21
(10.4)
17.5˚
17.5˚
1.4
(3.2)
19
30
R4.25
portion
portion
1
5
21
2 GND
5 LED
Symbol
Rating
Unit
Supply voltage
V CC
5± 0.5
V
*1 Paper detection height
mm
LED beam pitch
L P
TYP. 21
mm
*2Approved value of paper position sliding
∆x
MIN. ± 6
mm
*3Measuring time
ts
TYP. 140
ms
*4Paper detection density
OD
-
GP2D03
TYP. 30
mA
- 10 to 60
˚C
GP2D03 (1pc. )
PROM for data storage 1pc.
4. With initial mode in order to make E
2 PROM
Operating temperature
Dissipation current
ICC
H
TYP. 60
*1 Optional setting in the range of 50mm to 70mm. Between the sensor to setting glass
*2 At 60mm-height
*3 Time requiring for measurement of 6 portions
PROM shall be applied to users'. )
Paper Size Sensor System
T opr
[Serial access type, memory capacity : 128 x 8 bit]
GP2D03 )
Detecting
Emitting
Connector terminal
0.8 or less
Parameter
*4 Reflectivity : 16% or more, OD = log ( 1/T ), T : Reflectivity
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
φ 3.2
1 V O
3 VIN
4 VCC


Similar Part No. - GP2D03

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D02 SHARP-GP2D02 Datasheet
49Kb / 4P
Compact, High Sensitive Distance Measuring Sensor
logo
Inchange Semiconductor ...
GP2D020A120B ISC-GP2D020A120B Datasheet
493Kb / 3P
SiC Schottky Diode
GP2D020A120U ISC-GP2D020A120U Datasheet
504Kb / 3P
SiC Schottky Barrier Diode
logo
Sharp Corporation
GP2D05 SHARP-GP2D05 Datasheet
42Kb / 3P
Distance Measuring Sensor of 1-bit Output
More results

Similar Description - GP2D03

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2072 NJRC-NJM2072 Datasheet
216Kb / 6P
SIGNAL LEVEL SENSOR SYSTEM
logo
Hamamatsu Corporation
C5949 HAMAMATSU-C5949 Datasheet
104Kb / 2P
Position Sensor System
logo
New Japan Radio
NJU7181 NJRC-NJU7181 Datasheet
213Kb / 13P
SIGNAL LEVEL SENSOR SYSTEM
logo
List of Unclassifed Man...
TGP-751 ETC2-TGP-751 Datasheet
1Mb / 35P
ThermoHarvesting Wireless Sensor System
logo
KODENSHI_AUK CORP.
KPS1001C KODENSHI-KPS1001C Datasheet
172Kb / 3P
Paper Sensor
KPS1002C KODENSHI-KPS1002C Datasheet
172Kb / 3P
Paper Sensor
KPS1003C KODENSHI-KPS1003C Datasheet
173Kb / 3P
Paper Sensor
KPS1004C KODENSHI-KPS1004C Datasheet
176Kb / 3P
Paper Sensor
logo
Texas Instruments
LMP91000 TI1-LMP91000_14 Datasheet
628Kb / 31P
Sensor AFE System
LMP91002 TI1-LMP91002_16 Datasheet
1Mb / 31P
Sensor AFE System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com