Electronic Components Datasheet Search
  English  ▼

X  

4401 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 4401
Description  NPN General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

4401 Datasheet(HTML) 1 Page - Micro Commercial Components

  4401 Datasheet HTML 1Page - Micro Commercial Components 4401 Datasheet HTML 2Page - Micro Commercial Components 4401 Datasheet HTML 3Page - Micro Commercial Components 4401 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N4401
NPN General
Purpose Amplifier
TO-92
Features
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=1.0mAdc, IB=0)
40
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10mAdc, IE=0)
60
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=0.1mAdc, IC=0)
6.0
Vdc
IBL
Base Cutoff Current
(VCE=35Vdc, VBE=0.4Vdc)
0.1
µAdc
ICEX
Collector Cutoff Current
(VCE=35Vdc, VBE=0.4Vdc)
0.1
µAdc
ON CHARACTERISTICS
hFE
DC Current Gain*
(IC=0.1mAdc, VCE=1.0Vdc)
(IC=1.0mAdc, VCE=1.0Vdc)
(IC=10mAdc, VCE=1.0Vdc)
(IC=150mAdc, VCE=1.0Vdc)
(IC=500mAdc, VCE=1.0Vdc)
20
40
80
100
300
40
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
0.4
0.75
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
0.75
0.95
1.2
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current Gain-Bandwidth Product
(IC=20mAdc, VCE=10Vdc, f=100MHz)
250
MHz
Ccb
Collector-Base Capacitance
(VCB=5.0Vdc, IE=0, f=100kHz)
6.5
pF
Ceb
Emitter-Base Capacitance
(VBE=0.5Vdc, IC=0, f=100kHz)
30.0
pF
SWITCHING CHARACTERISTICS
td
Delay Time
(VCC=30Vdc, VBE=0.2Vdc
15
ns
tr
Rise Time
IC=150mAdc, IB1=15mAdc)
20
ns
ts
Storage Time
(VCC=30Vdc, IC=150mAdc
225
ns
tf
Fall Time
IB1=IB2=15mAdc)
30
ns
*Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.0
96
.104
2.44
2.64
A
E
B
C
D
G
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
E
B
C
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS
Compliant. See ordering information)
•
Through Hole Package
•
Capable of 600mWatts of Power Dissipation
•
Marking:Type number
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - 4401

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
4401 NJSEMI-4401 Datasheet
336Kb / 1P
DO-41 Case
logo
Fairchild Semiconductor
4401 FAIRCHILD-4401 Datasheet
29Kb / 2P
NPN General Purpose Amplifier
logo
ON Semiconductor
4401 ONSEMI-4401 Datasheet
122Kb / 8P
General Purpose Transistors
June, 2004 ??Rev. 1
logo
Central Semiconductor C...
4401 CENTRAL-4401 Datasheet
59Kb / 1P
Small Signal Transistors TO-92 Case (Continued)
logo
Weitron Technology
4401 WEITRON-4401 Datasheet
1,011Kb / 3P
NPN SiliconGeneral Purpose Transistors
More results

Similar Description - 4401

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
PN3566 FAIRCHILD-PN3566 Datasheet
26Kb / 3P
NPN General Purpose Amplifier
TN2219A FAIRCHILD-TN2219A Datasheet
39Kb / 3P
NPN General Purpose Amplifier
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Micro Commercial Compon...
2SC3265-O MCC-2SC3265-O Datasheet
331Kb / 3P
NPN General Purpose Amplifier
MMBT4401 MCC-MMBT4401_11 Datasheet
189Kb / 4P
NPN General Purpose Amplifier
logo
Unisonic Technologies
2N5088 UTC-2N5088_12 Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
MMBT5088 UTC-MMBT5088_10 Datasheet
301Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
PZT2222A UTC-PZT2222A_12 Datasheet
276Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com