Electronic Components Datasheet Search
  English  ▼

X  

2N7002W Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2N7002W
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N7002W Datasheet(HTML) 2 Page - Micro Commercial Components

  2N7002W Datasheet HTML 1Page - Micro Commercial Components 2N7002W Datasheet HTML 2Page - Micro Commercial Components 2N7002W Datasheet HTML 3Page - Micro Commercial Components 2N7002W Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
@ TA = 25 C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Drain-Source Breakdown Voltage
BVDSS
60
70
V
VGS = 0V, ID = 10 A
Zero Gate Voltage Drain Current
@ TC = 25°C
@ TC = 125°C
IDSS
1.0
500
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
±10
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(th)
1.0
2.0
V
VDS =VGS, ID =-250 A
On-State Drain Current
ID(ON)
0.5
1.0
A
VGS = 10V, VDS = 7.5V
Forward Transconductance
gFS
80
mS
VDS =10V, ID = 0.2A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
22
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
11
25
pF
Reverse Transfer Capacitance
Crss
2.0
5.0
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
7.0
20
ns
VDD = 30V, ID = 0.2A,
RL = 150 , VGEN = 10V,
RGEN = 25
Turn-Off Delay Time
tD(OFF)
11
20
ns
Note: 1. Valid provided that terminals are kept at specified ambient temperature.
2. Pulse width
£ 300ms, duty cycle £ 2%.
Static Drain-Source On-Resistance
@ Tj = 25°C
@Tj = 125°C
RDS (ON)
3.2
4.4
7.5
13.5
W
VGS = 5.0V, ID = 0.05A
VGS = 10V, ID = 0.5A
2N7002W
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com