Electronic Components Datasheet Search
  English  ▼

X  

BU7291G Datasheet(PDF) 21 Page - Rohm

Part # BU7291G
Description  High Speed with Low Voltage CMOS Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7291G Datasheet(HTML) 21 Page - Rohm

Back Button BU7291G Datasheet HTML 17Page - Rohm BU7291G Datasheet HTML 18Page - Rohm BU7291G Datasheet HTML 19Page - Rohm BU7291G Datasheet HTML 20Page - Rohm BU7291G Datasheet HTML 21Page - Rohm BU7291G Datasheet HTML 22Page - Rohm BU7291G Datasheet HTML 23Page - Rohm BU7291G Datasheet HTML 24Page - Rohm BU7291G Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Technical Note
21/26
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7291G,BU7291SG,BU7255HFV,BU7255SHFV,
BU7495HFV,BU7495SHFV,BU7481G,BU7481SG,BU7485G,BU7485SG,BU5281G,BU5281SG
●
Test circuit 2 switch condition
SW No.
SW
1
SW
2
SW
3
SW
4
SW
5
SW
6
SW
7
SW
8
SW
9
SW
10
SW
11
SW
12
Supply Current
OFF OFF
ON
OFF
ON
OFF OFF OFF OFF OFF OFF OFF
Maximum Output Voltage (RL=10[kΩ]) OFF
ON
OFF OFF
ON
OFF OFF
ON
OFF OFF
ON
OFF
Output Current
OFF
ON
OFF OFF
ON
OFF OFF OFF OFF
ON
OFF OFF
Slew Rate
OFF OFF
ON
OFF OFF OFF
ON
OFF
ON
OFF OFF
ON
Maximum Frequency
ON
OFF OFF
ON
ON
OFF OFF OFF
ON
OFF OFF
ON
Fig.142 Slew rate input output wave
(Ground Sense BU7495/BU7481/BU7485/BU5281 family)
Fig.140 Test circuit 2
Fig.141 Slew rate input output wave
(Input-Output Full Swing BU7291/BU7255 family)
SW1
SW2
-
+
SW9
SW10 SW11
SW8
SW5
SW6
SW7
CL
SW12
SW4
SW3
R1
1[kΩ]
R2 100[kΩ]
RL
GND
VDD=3[V]
Vo
VIN- VIN+
t
VIN[V]
3[VP-P ]
3[V]
0[V]
VOUT [V]
SR = Δ V / Δ t
Δ
t
t
3[V]
0[V]
Δ
V
t
VIN [V]
1.8[V P-P ]
1.8[V]
0[V]
VOUT [V]
SR = Δ V / Δ t
Δ
t
t
1.8[V]
0[V]
Δ
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com