Electronic Components Datasheet Search
  English  ▼

X  

BU7264F Datasheet(PDF) 7 Page - Rohm

Part # BU7264F
Description  Full Swing Low Voltage Operation CMOS Operational Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7264F Datasheet(HTML) 7 Page - Rohm

Back Button BU7264F Datasheet HTML 3Page - Rohm BU7264F Datasheet HTML 4Page - Rohm BU7264F Datasheet HTML 5Page - Rohm BU7264F Datasheet HTML 6Page - Rohm BU7264F Datasheet HTML 7Page - Rohm BU7264F Datasheet HTML 8Page - Rohm BU7264F Datasheet HTML 9Page - Rohm BU7264F Datasheet HTML 10Page - Rohm BU7264F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Technical Note
7/36
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7261/BU7261S family, BU7241/BU7241S family, BU7295/BU7295S family, BU7275/BU7275S family
BU7262/BU7262S family, BU7242/BU7242S family, BU7264/BU7264S family, BU7244/BU7244S family
○
BU7241 family (Unless otherwise specified VDD=+3[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BU7241G,
BU7241SG
Min.
Typ.
Max.
Input Offset Voltage
(*14)(*15)
Vio
25℃
-
1
9
mV
VDD=1.8 ~ 5.5[V]
VOUT=VDD/2
Full range
-
-
10
Input Offset Current
(*14)
Iio
25℃
-
1
-
pA
-
Input Offset Current
(*14)
Ib
25℃
-
1
-
pA
-
Supply Current
(*15)
IDD
25℃
-
70
150
μA
RL=∞ All Op-Amps
AV=0[dB], VIN=1.5[V]
Full range
-
-
250
High Level Output Voltage
VOH
25℃
VDD-0.1
-
-
V
RL=10[kΩ]
Low Level Output Voltage
VOL
25℃
-
-
VSS+0.1
V
RL=10[kΩ]
Large Signal Voltage Gain
AV
25℃
70
95
-
dB
RL=10[kΩ]
Input Common-mode Voltage Range
Vicm
25℃
0
-
3
V
VDD-VSS=3[V]
Common-mode Rejection Ratio
CMRR
25℃
45
60
-
dB
-
Power Supply Rejection Ratio
PSRR
25℃
60
80
-
dB
-
Output Source Current
(*16)
IOH
25℃
4
10
-
mA
VDD-0.4[V]
Output Sink Current
(*16)
IOL
25℃
5
12
-
mA
VSS+0.4[V]
Slew Rate
SR
25℃
-
0.4
-
V/μs CL=25[pF]
Gain Band width
FT
25℃
-
0.9
-
MHz CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
-
50
-
°
CL=25[pF], AV=40[dB]
Total Harmonic Distortion
THD
25℃
-
0.05
-
%
VOUT=0.8[Vp-p],
f=1[kHz]
(*14) Absolute value
(*15) Full range: BU7241: Ta=-40[℃] ~ +85[℃] BU7241S: Ta=-40[℃] ~ +105[℃]
(*16) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com