Electronic Components Datasheet Search
  English  ▼

X  

BU5281G Datasheet(PDF) 7 Page - Rohm

Part # BU5281G
Description  High Speed with Low Voltage CMOS Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU5281G Datasheet(HTML) 7 Page - Rohm

Back Button BU5281G Datasheet HTML 3Page - Rohm BU5281G Datasheet HTML 4Page - Rohm BU5281G Datasheet HTML 5Page - Rohm BU5281G Datasheet HTML 6Page - Rohm BU5281G Datasheet HTML 7Page - Rohm BU5281G Datasheet HTML 8Page - Rohm BU5281G Datasheet HTML 9Page - Rohm BU5281G Datasheet HTML 10Page - Rohm BU5281G Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Technical Note
7/26
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7291G,BU7291SG,BU7255HFV,BU7255SHFV,
BU7495HFV,BU7495SHFV,BU7481G,BU7481SG,BU7485G,BU7485SG,BU5281G,BU5281SG
○
BU5281 family(Unless otherwise specified VDD=+3[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BU5281G, BU5281SG
Min.
Typ.
Max.
Input Offset Voltage
(*17)
Vio
25℃
-
0.1
2.5
mV
-
Input Offset Voltage drift
(*17)
ΔVio/ΔT
-
-
0.8
-
μV/℃
-
Input Offset Current
(*17)
Iio
25℃
-
1
-
pA
-
Input Bias Current
(*17)
Ib
25℃
-
1
-
pA
-
Supply Current
(*18)
IDD
25℃
-
750
1000
μA
RL=∞ All Op-Amps
AV=0[dB],VIN=0.9[V]
Full range
-
-
1200
High Level Output Voltage
VOH
25℃
VDD-0.1
-
-
V
RL=10[kΩ]
Low Level Output Voltage
VOL
25℃
-
-
VSS+0.1
V
RL=10[kΩ]
Large Signal Voltage Gain
AV
25℃
70
110
-
dB
RL=10[kΩ]
Input Common-mode
Voltage Range
Vicm
25℃
0
-
1.8
V
VSS ~ VDD - 1.2[V]
Common-mode Rejection Ratio CMRR
25℃
45
60
-
dB
-
Power Supply Rejection Ratio
PSRR
25℃
60
80
-
dB
-
Output Source Current
(*19)
IOH
25℃
5
8
-
mA
VDD-0.4[V]
Output Sink Current
(*19)
IOL
25℃
10
16
-
mA
VSS+0.4[V]
Slew Rate
SR
25℃
-
2.0
-
V/μs
CL=25[pF]
Gain Band width
FT
25℃
-
3
-
MHz
CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
-
40
-
°
CL=25[pF], AV=40[dB]
Input Referred Noise Voltage
Vin
25℃
-
18
-
nV/(Hz)
1/2 AV=40[dB], f=1[kHz]
-
3.2
-
μVrms AV=40[dB], DINAUDIO
Total Harmonic Distortion
THD
25℃
-
0.003
-
%
VOUT=0.4[Vp-p], f=1[kHz]
(*17) Absolute value
(*18) Full range BU5281: Ta=-40[℃]~+85[℃] BU5281S: Ta=-40[℃]~+105[℃]
(*19) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com