Electronic Components Datasheet Search
  English  ▼

X  

GP2U05 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2U05
Description  Particulate Detectable High Sensitivity Type Dust Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2U05 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2U05 Datasheet HTML 1Page - Sharp Corporation GP2U05 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(Ta=25˚C)
Features
Applications
Absolute Maximum Ratings
Outline Dimensions
(Unit : mm)
GP2U05
GP2U05
3. Popular type
1. Air cleaners
2. Air conditioners
Symbol
Rating
Unit
Remarks
V
VCC
• Operating Supply Voltage
12 ± 1.8
Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Detection sensitivity
K
*1
*2
V/(0.1mg/m3)
Output voltage at no dust
*2
V
Output voltage range
VOH
RL=4.7k
Ω
-
LED drive current
-
mA
Dissipation current
-
mA
Parameter
Symbol
Rating
Unit
VCC
V
Input terminal voltage
VLED
V
Operating temperature
˚C
Storage temperature
˚C
Remarks
Open drain operation input
-
-
-
-
Particulate Detectable High
Sensitivity Type Dust Sensor
2. Particulates of low concentration can be detected.
1. High sensitivity (Dust detection sensitivity : 1 V/(0.1 mg/m )
3
Lowest detectable dust concentration : TYP. 0.05 mg/m
3
Supply voltage
- 0.3 to+15
- 0.3 to+15
- 10 to+65
- 20 to+80
VOC
ILED
ICC
0.7
0.1
Vcc - 1.8
1.0
1.0
-
15
12
1.3
3.0
20
20
V
(Ta=25 ˚C,Vcc=5V)
Topr
Tstg
Terminal connection
* Unspecified tolerance : ± 0.3 mm
1 Frame GND
2 Output terminal(Vo)
3 Signal GND
4 LED drive terminal
5 VCC
LED terminal=0V,*2
RL=
*2
*1 • Dust concentration shall be a value of the cigarette (MILD SEVEN) smoke concentration measured using the digital dust densitometer
(SHIBATA KAGAKU KOGYO CO. LTD. made P-5L2).
• Detection sensitivity K represents the change of output voltage when dust concentration changes by 0.1 mg/m .
*2 Input conditions (pulse drive conditions) to LED input terminal shall be as shown in the right drawing.
3
2-R4
2-
φ 3.2 ± 0.1 hole
φ 10
(Dust passing hole)
29
4
65 ± 0.2
73.2
2-R3
1
2
3
4
5
JAPAN SOLDERLESS
TERMINAL MSG. CO.
made connector (S5B-PH-SM)
Hole for sensitivity adjustment VR
Vcc
R1
R3
C1
R2
R4
Tr
LED
+
GP2U05
4
T=30ms
Pw=0.4ms
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
s
s
s


Similar Part No. - GP2U05

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
High Sensitivity Dust Sensor
More results

Similar Description - GP2U05

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
High Sensitivity Dust Sensor
logo
Rohm
RPM-012PB ROHM-RPM-012PB_10 Datasheet
140Kb / 3P
High Sensitivity Chip Sensor, Side veiw type
logo
Prolific Technology Inc...
PT3601 PROLIFIC-PT3601 Datasheet
211Kb / 1P
High Sensitivity Latch Type Hall Sensor
PT3603 PROLIFIC-PT3603 Datasheet
213Kb / 1P
High Sensitivity Latch Type Hall Sensor
logo
Greystone Energy System...
PS-PMDT GREYSTONE-PS-PMDT Datasheet
318Kb / 2P
DUCT PARTICULATE MATTER SENSOR
PS-PMOS GREYSTONE-PS-PMOS Datasheet
350Kb / 2P
OUTSIDE PARTICULATE MATTER SENSOR
PS-PMRMC GREYSTONE-PS-PMRMC Datasheet
298Kb / 2P
ROOM PARTICULATE MATTER SENSOR
PMDT GREYSTONE-PMDT Datasheet
318Kb / 2P
DUCT PARTICULATE MATTER SENSOR
PMOS GREYSTONE-PMOS Datasheet
350Kb / 2P
OUTSIDE PARTICULATE MATTER SENSOR
PMRMC GREYSTONE-PMRMC Datasheet
298Kb / 2P
ROOM PARTICULATE MATTER SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com