Electronic Components Datasheet Search
  English  ▼

X  

GP2U06 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2U06
Description  High Sensitivity Dust Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2U06 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2U06 Datasheet HTML 1Page - Sharp Corporation GP2U06 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GP2U06
High Sensitivity Dust Sensor
Compact and Thin Type Dust Sensor for Detecting Particles
Sharp's GP2U06 is dust sensor which integrated optical
sensor portion and signal amplifier portion.
It is suitable for indoor air purifier sensor because of
compact, thin, low dissipation current type.
(1) Compact, thin type (58 x 38 x 25mm)
(2) High sensitivity
(Dust detecting sensitivity : TYP.0.5V/(0.1mg/m3)
(3) Can detect dust even in low density area
(Minimum particle density : TYP. 0.02mg/m3)
(4) Operating voltage : 5V
(5) Low dissipation current (Icc : MAX. 15mA)
Tec.U970502
(1) Air purifiers
(2) Air conditioners
V
Vcc
Operating supply voltage
5
±0.5
Parameter
Symbol
Ratings
Unit
Vcc
V
Input terminal voltage
VLED
V
Operating temperature
˚C
Storage temperature
˚C
Remarks
-
Supply voltage
-0.3 to +7
-0.3 to +Vcc
-10 to +65
-20 to +80
Topr
Tstg
Terminal configuration
1
2
3
4
Output terminal
GND
Emitting device operating terminal
Vcc
58
φ9
φ3.2
Connector
1
2
3
4
Detecting window
(Unit : mm)
Outline Dimensions
General Description
Features
Applications
Absolute Maximum Ratings
(Ta=25˚C)
(Notice)
• In the absence of device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP device
shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
• Specifications are subject to change without notice for improvement.
(Internet) • Data for SHARP's optoelectronic/power device is provided on internet. (Address http://www.sharp.co.jp/ecg/)
Symbol
Ratings
Unit
Remarks
-
-
-
Open drain input


Similar Part No. - GP2U06

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2U05 SHARP-GP2U05 Datasheet
32Kb / 2P
Particulate Detectable High Sensitivity Type Dust Sensor
More results

Similar Description - GP2U06

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2U05 SHARP-GP2U05 Datasheet
32Kb / 2P
Particulate Detectable High Sensitivity Type Dust Sensor
logo
Analog Devices
ADPD2211 AD-ADPD2211 Datasheet
476Kb / 14P
Low Noise, High Sensitivity Optical Sensor
REV. 0
ADPD2212 AD-ADPD2212 Datasheet
487Kb / 14P
Low Noise, High Sensitivity Optical Sensor
REV. 0
logo
Amphenol Corporation
SM-PWM-01C AMPHENOL-SM-PWM-01C Datasheet
4Mb / 4P
Smart Dust Sensor
logo
Prolific Technology Inc...
PT3601 PROLIFIC-PT3601 Datasheet
211Kb / 1P
High Sensitivity Latch Type Hall Sensor
PT3603 PROLIFIC-PT3603 Datasheet
213Kb / 1P
High Sensitivity Latch Type Hall Sensor
logo
Amphenol Corporation
SM-PWM-01C AMPHENOL-SM-PWM-01C_V01 Datasheet
696Kb / 12P
SMART Dust Sensor
logo
JOY-IT
KY-037 JOY-IT-KY-037 Datasheet
230Kb / 7P
Microphone sensor module (high sensitivity)
logo
Zhengzhou Winsen Electr...
ZH06 WINSEN-ZH06 Datasheet
339Kb / 8P
Laser dust sensor
logo
MultiDimension Technolo...
TMR2922 MULTIDIMENSION-TMR2922 Datasheet
469Kb / 4P
Ultra High Sensitivity TMR linear sensor
V1.0a
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com