Electronic Components Datasheet Search
  English  ▼

X  

GP2W0001YP Datasheet(PDF) 13 Page - Sharp Corporation

Part # GP2W0001YP
Description  IrDA Data Sheet 115 kbps Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0001YP Datasheet(HTML) 13 Page - Sharp Corporation

Back Button GP2W0001YP Datasheet HTML 7Page - Sharp Corporation GP2W0001YP Datasheet HTML 8Page - Sharp Corporation GP2W0001YP Datasheet HTML 9Page - Sharp Corporation GP2W0001YP Datasheet HTML 10Page - Sharp Corporation GP2W0001YP Datasheet HTML 11Page - Sharp Corporation GP2W0001YP Datasheet HTML 12Page - Sharp Corporation GP2W0001YP Datasheet HTML 13Page - Sharp Corporation GP2W0001YP Datasheet HTML 14Page - Sharp Corporation GP2W0001YP Datasheet HTML 15Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
115 kbps Transceiver
GP2W0001YP
IrDA Data Sheet
13
TAPING MOISTURE-PROOF PACKING
Packaging Specifications
Packaging Method
• Seal the aluminum laminated bag containing the
tape reel (2,000 pieces per reel) and desiccant.
• Fill out necessary information on the label and paste
it on the aluminum laminate bag.
• Pack four aluminum laminated bags (containing one
reel each) into the designated outer case, where
paper pads are placed on the bottom and top of the
outer case, as well as between each layer of the alu-
minum laminated bags. Minimum order/shipment
quantity should be one laminated bag.
• The outer case should then be sealed with packing
tape, indicating the model name, quantity, and out-
going inspection data on the case. Total of 8,000
pieces per carton.
Storage and Treatment After Unsealing
• Storage conditions: The product should be stored
with these conditions:
– Storage temperature: 10°C to 30°C
– Humidity: below 60% RH
• Treatment after opening:
– After unsealing, devices should be mounted un-
der the temperature condition of 10°C to 30°C, at
the humidity conditions of below 60% RH, within
two days.
– In case long term storage is needed, devices
should either be stored in dry box or re-sealed in
a moisture-proof bag with desiccant and kept in
an environment where the temperature is 10°C to
30°C, at the humidity condition of below 60% RH.
Devices must be mounted within two weeks.
• Baking before mounting:
– In the event that the devices are not maintained
in the recommended storage conditions or the
enclosed desiccant indicator has turned pink,
baking must be done before devices are mount-
ed. Please also note that baking should only be
done once.
– Recommended condition: 100°C, 12 to 24 hours.
– Baking will not be properly done with the devices
in their shipping package. To complete the baking
properly, devices should either be temporarily
mounted to PCB with adhesive, or placed in a
metal tray. The temporary mounting should be
done using adhesive, not by soldering.
Table 2. Packaging Material
NAME
MATERIAL
Aluminum laminate bag
Aluminum polyethylene
Label
Paper
Desiccant
Outer case
Paper
Pads
Paper
Table 3. Packaging Method Specifications
PACKAGE
SHAPE
PRODUCT
QUANTITY
SACK
QUANTITY
Tape reel
(
φ 330 mm)
1 model
2,000
pieces
per reel
1 reel per
moisture-proof
laminated bag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com