Electronic Components Datasheet Search
  English  ▼

X  

2SB562 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SB562
Description  PNP Epitaxial Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SB562 Datasheet(HTML) 1 Page - Micro Commercial Components

  2SB562 Datasheet HTML 1Page - Micro Commercial Components 2SB562 Datasheet HTML 2Page - Micro Commercial Components 2SB562 Datasheet HTML 3Page - Micro Commercial Components 2SB562 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
x
Low Frequency Power Amplifier.
x
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
2SB562
PNP Epitaxial
Silicon Transistor
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
-20
V
VCBO
Collector-Base Voltage
-25
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current
-1.0
A
PC
Collector power dissipation
0.9
W
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
BVCBO
Collector-Base Breakdown Voltage
(IC=-10
Adc, IE=0)
-20
---
---
Vdc
BVCEO
Collector-Emitter Breakdown Voltage
(IC=-1mAdc, IB=0)
-25
---
---
Vdc
BVEBO
Emitter-Base Breakdown Voltage
(IE=-0.01mAdc, IC=0)
-5.0
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=-20Vdc,IE=0)
---
---
-1000
nAdc
IEBO
Emitter Cutoff Current
(VEB=-4.0Vdc, IC=0)
---
---
-1000
nAdc
ON CHARACTERISTICS
hFE
DC Current gain
(IC=500mAdc, VCE=2.0Vdc)
85
---
240
---
VBE(on)
Base-Emitter On Voltage
(VCE=-2.0Vdc, IC=-500mAdc)
---
---
-1.0
Vdc
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-0.8Adc, IB=-80mAdc)
---
---
-0.5
Vdc
fT
Current Gain Bandwidth Product
(VCE=-2.0Vdc, IC=-500mAdc)
---
350
---
MHz
Cob
Output Capacitance
(VCB=-10Vdc, IE=0, f=1.0MHz)
---
38
---
pF
(1) hFE Classification B: 85~170, C: 120~240
TO-92L
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
1
200
9/04/24
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0 and MSL Rating 1
www.mccsemi.com
1 of
4
Complementary pair with 2SD468
BC
E
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.146
.161
B
.157
---
D
.014
.018
E
.050
.062
F
.185
.201
G
.307
.323
H
.543
.559
J
.024
.031
K
.014
.022
L
.050
M
.096
.104
3.700
4.10
4.000
---
C
---
0.063
---
1.600
0.350
0.450
1.280
1.580
4.700
5.100
7.800
8.200
13.80
14.20
.600
.800
0.350
.550
1.270
2.440
2.640
DIMENSIONS


Similar Part No. - 2SB562

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB562 HITACHI-2SB562 Datasheet
30Kb / 6P
Silicon PNP Epitaxial
logo
Unisonic Technologies
2SB562 UTC-2SB562 Datasheet
95Kb / 3P
LOW FREQUENCY POWER LOW FREQUENCY POWER
logo
TRANSYS Electronics Lim...
2SB562 TEL-2SB562 Datasheet
61Kb / 1P
Plastic-Encapsulated Transistors
logo
Renesas Technology Corp
2SB562 RENESAS-2SB562 Datasheet
157Kb / 6P
Silicon PNP Epitaxial
logo
SeCoS Halbleitertechnol...
2SB562 SECOS-2SB562 Datasheet
273Kb / 3P
PNP Plastic Encapsulated Transistor
More results

Similar Description - 2SB562

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com