Electronic Components Datasheet Search
  English  ▼

X  

ESR01 Datasheet(PDF) 3 Page - Rohm

Part # ESR01
Description  Anti-surge thick film chip resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ESR01 Datasheet(HTML) 3 Page - Rohm

  ESR01 Datasheet HTML 1Page - Rohm ESR01 Datasheet HTML 2Page - Rohm ESR01 Datasheet HTML 3Page - Rohm ESR01 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.08 - Rev.A
Data Sheet
ESR01
Packaging
C
AB
D
AB
C
D
φ13±0.2
Label
Reel
Taping
EIAJ ET-7200B compliant
φ180
0
−1.5
φ60
+1
0
9
+1.0
0
(Unit: mm)
Thick paper
mount
(Underside paper tape)
Chip resistor Square punchout hole
Heat crimp cover / Tape
(Unit : mm)
WF
E
A0
B0
D0
P0
P1
P2
T2
8.0
±0.3
3.5
±0.05
1.75
±0.1
0.7
±0.1
1.2
±0.1
φ1.5
4.0
±0.1
2.0
±0.05
2.0
±0.05
Max. 1.1
+0.1
0
P0
P2
P1
E
F
W
φD0
A0
B0
T2
Part No. Explanation
Part No.
ES
1
0
R
±5%
Resistance tolerance
J
±1%
F
M Z P
J
MZP
10,000
Paper tape (4mm Pitch)
φ180mm (7inch)
ESR01
Reel (
φ180mm) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
Part No.
Resistance tolerance
Code
Packaging specifications
Reel
Basic ordering unit(pcs)
Packaging Specifications Code
J(
±5%)
F(
±1%)
Nominal resistance
J
F
:
:
3 digits
4 digits
Resistance code, 3 or 4 digits.
Resistance
tolerance
Resistance
code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com