Electronic Components Datasheet Search
  English  ▼

X  

ESR18EZPFD Datasheet(PDF) 1 Page - Rohm

Part # ESR18EZPFD
Description  Anti-surge Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ESR18EZPFD Datasheet(HTML) 1 Page - Rohm

  ESR18EZPFD Datasheet HTML 1Page - Rohm ESR18EZPFD Datasheet HTML 2Page - Rohm ESR18EZPFD Datasheet HTML 3Page - Rohm ESR18EZPFD Datasheet HTML 4Page - Rohm ESR18EZPFD Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ESR18
Resistors
Rev.F
1/4
Anti-surge Chip Resistors
ESR18 (1206 size: 1 /3W)
Features
1) Power rating of 1/3W (MCR18 1/4W)
2) Superior anti surge to MCR series.
3) Highly reliable chip resistor Ruthenium oxide dielectric offers superior resistance to the elements.
4) ROHM resistors have approved ISO9001- / ISO/TS 16949- certification.
Design and specifications are subject to change without notice. Carefully check the specification sheet before using or
ordering it.
Ratings
0.33W (1 / 3W)
−55
°C to +155°C
200V
at 70
°C
Item
Conditions
Specifications
Rated power
Rated voltage
Operating temperature
Nominal resistance
See Table 1.
Limiting element voltage
Power must be derated according to the power derating curve in
Figure 1 when ambient temperature exceeds 70
°C.
The voltage rating is calculated by the following equation.
If the value obtained exceeds the limiting element voltage,
the voltage rating is equal to the maximum operating voltage.
E: Rated voltage (V)
P: Rated power (W)
R: Nominal resistance (
Ω)
E
= P×R
0
20
40
60
80
100
−55
0
70
100
155
AMBIENT TEMPERAT
URE (
°C)
Fig.1


Similar Part No. - ESR18EZPFD

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR18EZPF100 ROHM-ESR18EZPF100 Datasheet
571Kb / 8P
Anti-surge chip resistors
ESR18EZPF100 ROHM-ESR18EZPF100 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
ESR18EZPF1004 ROHM-ESR18EZPF1004 Datasheet
877Kb / 7P
Anti-surge chip resistors
2020.07 - Rev.J
ESR18EZPF10R0 ROHM-ESR18EZPF10R0 Datasheet
877Kb / 7P
Anti-surge chip resistors
2020.07 - Rev.J
ESR18EZPF1R00 ROHM-ESR18EZPF1R00 Datasheet
877Kb / 7P
Anti-surge chip resistors
2020.07 - Rev.J
More results

Similar Description - ESR18EZPFD

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
logo
Panasonic Semiconductor
ERJ-T08J1R0V PANASONIC-ERJ-T08J1R0V Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
logo
Rohm
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
logo
Panasonic Semiconductor
ERJ-P14F1002U PANASONIC-ERJ-P14F1002U Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
logo
Rohm
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
logo
Panasonic Semiconductor
ERJ-P06F1003V PANASONIC-ERJ-P06F1003V Datasheet
160Kb / 6P
Anti-Surge Thick Film Chip Resistors
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
Anti-Surge Thick Film Chip Resistors
logo
Rohm
ESR ROHM-ESR Datasheet
571Kb / 8P
Anti-surge chip resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com