Electronic Components Datasheet Search
  English  ▼

X  

2SC2873-Y Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC2873-Y
Description  NPN Silicon Epitaxial Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC2873-Y Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC2873-Y Datasheet HTML 1Page - Micro Commercial Components 2SC2873-Y Datasheet HTML 2Page - Micro Commercial Components 2SC2873-Y Datasheet HTML 3Page - Micro Commercial Components 2SC2873-Y Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN
Silicon
Epitaxial Transistors
Features
Low saturation voltage
High speed switching time
Complementary to 2SA1213
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
50
V
VCBO
Collector-Base Voltage
50
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
2.0
A
PC
Collector power dissipation
0.5
W
TJ
Junction Temperature
150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1mAdc, IB=0)
50
---
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=50Vdc,IE=0)
---
---
0.1
uAdc
IEBO
Emitter-Base Cutoff Current
(VEB=5.0Vdc, IC=0)
---
---
0.1
uAdc
ON CHARACTERISTIC
hFE(1)
DC Current Gain
(IC=0.5Adc, VCE=2.0Vdc)
70
---
240
---
hFE(2)
DC Current Gain *
(IC=2.0Adc, VCE=2.0Vdc)
20
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=1.0Adc, IB=0.05Adc)
---
---
0.5
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=1.0Adc,IB=0.05Adc)
---
---
1.2
Vdc
fT
Transition Frequency
(VCE=2.0Vdc, IC=0.5Adc)
---
120
---
MHz
Cob
Collector output capacitance
(VCB=10Vdc,IE=0, f=1.0MHz)
---
30
---
pF
Revision:
A
20
11/01/01

 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC





 

 
 




























































SOT-89
1.
Base
2. Collector
3.
Emitter
TM
Micro Commercial Components
CLASSIFICATION OF HFE(1)
Rank
O
Range
70-140
Marking
MO
Y
120-240
MY
www.mccsemi.com
1 of
4
2SC2873-O
2SC2873-Y
B
A
E
D
G
H
F
K
J
C




















12
3
V (BR)CBO
Collector-Base Breakdown Voltage
(IC=0.1mAdc, IB=0)
50
---
---
Vdc
V (BR)EBO
Emitter-Base Breakdown Voltage
(IE=0.1mAdc, IC=0)
5.0
---
---
Vdc
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - 2SC2873-Y

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC2873-Y KEXIN-2SC2873-Y Datasheet
1Mb / 2P
NPN Transistors
logo
Micro Commercial Compon...
2SC2873-Y MCC-2SC2873-Y Datasheet
315Kb / 4P
NPN Silicon Epitaxial Transistors
logo
DONGGUAN YOU FENG WEI E...
2SC2873-Y YFWDIODE-2SC2873-Y Datasheet
562Kb / 3P
NPN Transistors
More results

Similar Description - 2SC2873-Y

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WMBT3904 WINGS-WMBT3904 Datasheet
66Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
NPN Silicon Epitaxial Transistors
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
NPN Silicon Epitaxial Transistors
2SC1623-L5 MCC-2SC1623-L5 Datasheet
384Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2411-P MCC-2SC2411-P_13 Datasheet
306Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y_13 Datasheet
275Kb / 2P
NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
NPN Epitaxial Silicon Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com