Electronic Components Datasheet Search
  English  ▼

X  

2SC4081-C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC4081-C
Description  NPN Silicon Epitaxial Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC4081-C Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC4081-C Datasheet HTML 1Page - Micro Commercial Components 2SC4081-C Datasheet HTML 2Page - Micro Commercial Components 2SC4081-C Datasheet HTML 3Page - Micro Commercial Components 2SC4081-C Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN Silicon
Epitaxial Transistors
Features
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
50
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current
150
mA
PC
Collector power dissipation
200
mW
TJ
Junction Temperature
150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
ICBO
Collector Cutoff Current
(VCB=-60Vdc)
---
---
100
nAdc
IEBO
Emitter Cutoff Current
(VEB=-6.0Vdc)
---
---
100
nAdc
ON CHARACTERISTICS
BVCBO
Collector-base breakdown voltage
(IC=-50µAdc )
60
---
---
Vdc
BVCEO
Collector-emitter
breakdown
voltage (IC=-1µAdc)
50
---
---
Vdc
BVEBO
Emitter-base breakdown voltage
(IE=-50µAdc)
6
---
---
Vdc
hFE
DC Current Gain
(IC=-1mAdc, VCE=-6.0Vdc)
120
---
560
---
VCE(sat)
Collector Saturation Voltage*
(IC=-50mAdc, IB=-5.0mAdc)
---
---
0.4
Vdc
Cob
Output Capacitance
(VCB=-12.0Vdc, IE=0, f=1.0MHz)
---
2.0
3.5
pF
fT
Gain Bandwidth product
(VCE=-12Vdc, IE=2mAdc,f=30MHz)
---
180
---
MHz
hFE CLASSIFICATION
Rank
hFE
120~270
180~390
270~560
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.079
.087
2.00
2.20
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.012
.016
.30
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
TM
Micro Commercial Components
E
B
C
AB
C
www.mccsemi.com
1 of 4
Marking
BQ
BR
BS
•
Low Cob . Cob=2.0pF(Typ)
•
Complementary to 2SC1576A
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
2SC4081-A
2SC4081-B
2SC4081-C
mm


Similar Part No. - 2SC4081-C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC4081-C MCC-2SC4081-C Datasheet
240Kb / 4P
NPN Silicon Epitaxial Transistors
More results

Similar Description - 2SC4081-C

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
NPN Silicon Epitaxial Transistors
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
NPN Silicon Epitaxial Transistors
2SC1623-L5 MCC-2SC1623-L5 Datasheet
384Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2411-P MCC-2SC2411-P_13 Datasheet
306Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y_13 Datasheet
275Kb / 2P
NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
NPN Epitaxial Silicon Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com