Electronic Components Datasheet Search
  English  ▼

X  

IR2C24 Datasheet(PDF) 1 Page - Sharp Corporation

Part # IR2C24
Description  6-UNIT 320mA Transistor Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IR2C24 Datasheet(HTML) 1 Page - Sharp Corporation

  IR2C24 Datasheet HTML 1Page - Sharp Corporation IR2C24 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.chipdocs.com


Similar Part No. - IR2C24

ManufacturerPart #DatasheetDescription
logo
Clarke International
IR2C CLARKE-IR2C Datasheet
2Mb / 8P
PRESSURE REGULATOR
GC0821 REV 1
More results

Similar Description - IR2C24

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54534P MITSUBISHI-M54534P Datasheet
74Kb / 5P
6-UNIT 320mA TRANSISTOR ARRAY WITH CLAMP DIODE AND STROBE
logo
Sanyo Semicon Device
LB1272 SANYO-LB1272 Datasheet
57Kb / 2P
6-Unit, Darlington Transistor Array?
LB1273R SANYO-LB1273R Datasheet
56Kb / 2P
6-Unit, Darlington Transistor Array???
LB1274 SANYO-LB1274 Datasheet
59Kb / 2P
6-Unit, Darlington Transistor Array???
logo
Mitsubishi Electric Sem...
M54527P MITSUBISHI-M54527P Datasheet
72Kb / 4P
6-UNIT 150mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54539P MITSUBISHI-M54539P Datasheet
75Kb / 4P
6-UNIT 700mA TRANSISTOR ARRAY WITH CLAMP DIODE
M54533P MITSUBISHI-M54533P Datasheet
180Kb / 3P
6-UNIT 320mA TRANSISTOR ARRAY WITH CLAMP DIODE AND STROBE
M54529AP MITSUBISHI-M54529AP Datasheet
250Kb / 3P
S-UNIT 320mA TRANSISTOR ARRAY WITH STORE
M54529P MITSUBISHI-M54529P Datasheet
250Kb / 3P
S-UNIT 320mA TRANSISTOR ARRAY WITH STORE
logo
Sharp Corporation
IR2419 SHARP-IR2419 Datasheet
129Kb / 2P
6-Unit 400mA Darlington Transistor Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com