Electronic Components Datasheet Search
  English  ▼

X  

LM2902DR Datasheet(PDF) 2 Page - Rohm

Part # LM2902DR
Description  TROPHY SERIES Operational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM2902DR Datasheet(HTML) 2 Page - Rohm

  LM2902DR Datasheet HTML 1Page - Rohm LM2902DR Datasheet HTML 2Page - Rohm LM2902DR Datasheet HTML 3Page - Rohm LM2902DR Datasheet HTML 4Page - Rohm LM2902DR Datasheet HTML 5Page - Rohm LM2902DR Datasheet HTML 6Page - Rohm LM2902DR Datasheet HTML 7Page - Rohm LM2902DR Datasheet HTML 8Page - Rohm LM2902DR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical Note
2/17
LM358DR/PWR/DGKR,LM2904DR/PWR/DGKR/VQDR/VQPWR
LM324DR/PWR/KDR,LM2902DR/PER/KDR/KPWR/KVQDR/KVQPWR
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Absolute Maximum Ratings (Ta=25[℃])
Parameter
Symbol
Ratings
Unit
LM358
family
LM324
family
LM2904
family
LM2902
family
LM2904V
family
LM2902V
family
Supply Voltage
Vcc-GND
+32
+26
+32
V
Operating Temperature Range
Topr
0 to +70
-40 to +125
℃
Storage Temperature Range
Tstg
-65 to +150
℃
Input Common-mode Voltage
VICM
-0.3 to +32
-0.3 to +26
-0.3 to +32
V
Maximum Junction Temperature
Tjmax
150
℃
●
Electric Characteristics
○
LM358,LM324 family (Unless otherwise specified, Vcc=+5[V])
Parameter
Symbol
Temperature
range
Limits
Unit
Conditions
Fig.
No
LM358 family
LM324 family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage (*1)
VIO
25℃
-
3
7
-
3
7
mV
VO=1.4[V]
VIC=VICR(min)
Vcc=5[V] to 30[V]
98
Full range
-
-
9
-
-
9
Input Offset Voltage Drift
αVIO
-
-
7
-
-
-
-
μV/℃
-
-
Input Offset Current (*1)
IIO
25℃
-
2
50
-
2
50
nA
VO=1.4[V]
98
Full range
-
-
150
-
-
150
Input Offset Current Drift
αIIO
-
-
10
-
-
-
-
pA/℃
-
-
Input Bias Current (*1)
IIB
25℃
-
20
250
-
20
250
nA
VO=1.4[V]
98
Full range
-
-
500
-
-
500
Input Common-modeVoltage Range
VICR
25℃
0
-
Vcc
-1.5
-
-
Vcc
-1.5
V
Vcc=5[V] to 30[V]
98
Full range
0
-
Vcc
-2.0
-
-
Vcc
-2.0
High Level Output Voltage
VOH
25℃
Vcc
-1.5
-
-
Vcc
-1.5
-
-
V
RL≧2[kΩ]
99
Full range
27
28
-
27
28
-
Vcc=30[V],RL≧10[kΩ]
Low Level Output Voltage
VOL
Full range
-
5
20
-
5
20
mV
RL≦10[kΩ]
98
Large Signal Voltage Gain
AVD
25℃
25
100
-
25
100
-
V/mV
Vcc=15[V]
VO=1[V] to 11[V]
RL≧2[kΩ]
98
Common-mode Rejection Ratio
CMRR
25℃
65
80
-
65
80
-
dB
Vcc=5[V] to 30[V],
VIC=VICR(min)
98
Supply-Voltage rejection ratio
KSVR
25℃
65
100
-
65
100
-
dB
Vcc=5[V] to 30[V]
98
Cross-talk Attenuation
VO1/VO2
25℃
-
120
-
-
120
-
dB
f=1[kHz] to 20[kHz]
101
Output Current (*2)
Source
25℃
20
30
-
20
30
-
mA
Vcc=15[V],VO=0[V]
VID=1[V]
99
Full range
10
-
-
10
-
-
Sink
25℃
10
20
-
10
20
-
mA
Vcc=15[V],VO=0[V]
VID=-1[V]
Full range
2
-
-
2
-
-
25℃
12
30
-
12
30
-
μA
VO=200[mV],VID=-1[V]
Supply Current (All Amps)
ICC
Full range
-
0.7
1.2
-
0.7
1.2
mA
VO=2.5[V],No Load
99
Full range
-
1
2
-
1.4
3
Vcc=30[V],VO=0.5[V]
No Load
Slew Rate at Unity-Gain
SR
25℃
-
0.3
-
-
0.5
-
V/μs
RL=1[MΩ],CL=30[pF]
VI=±10[V]
Vcc=15[V],GND=-15[V]
(reference to Fig100)
99
Unity Gain Bandwidth
B1
25℃
-
0.7
-
-
1.2
-
MHz
RL=1[MΩ],CL=20[pF]
Vcc=15[V],GND=-15[V]
(reference to Fig99)
99
Equivalent Input Noise Voltage
Vn
25℃
-
40
-
-
35
-
Hz
nV/
Vcc=15[V],GND=-15[V]
RS=100[Ω],VI=0[V]
f=1[kHz](reference to Fig99)
99
(*1) Absolute value
(*2) Under high temperature, consider the power dissipation of IC when selecting the output current.
When the output terminal is continuously shorted, the output current reduces the temperature inside the IC by flushing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com