Electronic Components Datasheet Search
  English  ▼

X  

LM358ST Datasheet(PDF) 2 Page - Rohm

Part # LM358ST
Description  SIGNATURE SERIES Operational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM358ST Datasheet(HTML) 2 Page - Rohm

  LM358ST Datasheet HTML 1Page - Rohm LM358ST Datasheet HTML 2Page - Rohm LM358ST Datasheet HTML 3Page - Rohm LM358ST Datasheet HTML 4Page - Rohm LM358ST Datasheet HTML 5Page - Rohm LM358ST Datasheet HTML 6Page - Rohm LM358ST Datasheet HTML 7Page - Rohm LM358ST Datasheet HTML 8Page - Rohm LM358ST Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical Note
2/17
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Absolute Maximum Ratings (Ta=25[℃])
Parameter
Symbol
Rating
Unit
LM358 family
LM324 family
LM2904 family
LM2902 family
Supply Voltage
VDD
+32
V
Operating Temperature Range
Topr
0 to +70
-40 to +125
℃
Storage Temperature Range
Tstg
-65 to +150
℃
Input Common-mode Voltage
VICM
-0.3 to +32
V
Maximum Junction Temperature
Tjmax
+150
℃
●
Electric Characteristics
○
LM358,LM324 family(Unless otherwise specified, Vcc
+=+5[V], Vcc-=0[V])
Parameter
Symbol
Temperature
range
Limit
Unit
Conditions
Fig.
No
LM358 family
LM324 family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage (*1)
VIO
25℃
-
2
7
-
-
7
mV
VO=1.4[V],RS=0[Ω]
5[V]< Vcc
+<30[V]
0<VIC< Vcc
+-1.5[V]
98
Full range
-
-
9
-
-
9
Input Offset Current (*1)
IIO
25℃
-
2
30
-
2
30
nA
VO=1.4[V]
98
Full range
-
-
-
-
-
100
Input Bias Current (*1)
IIB
25℃
-
20
150
-
20
150
nA
VO=1.4[V]
98
Full range
-
-
200
-
-
300
Large Signal Voltage Gain
AVD
25℃
25
100
-
25
100
-
V/mV
Vcc
+=15[V]
VO=1.4[V] to 11.4[V]
RL=2[kΩ]
98
Supply Voltage Rejection Ratio
SVR
25℃
65
100
-
65
110
-
dB
RS≦10[kΩ]
Vcc
+=5[V] to 30[V]
98
Full range
65
-
-
65
-
-
Supply Current (All Amp)
ICC
25℃
-
-
-
-
0.7
1.2
mA
Vcc
+=5[V],No Load
99
25℃
-
-
-
-
1.5
3
Vcc
+=30[V],No Load
Full range
-
0.7
1.2
-
0.8
3
Vcc
+=5[V],No Load
Full range
-
-
2
-
1.5
3
Vcc
+=30[V],No Load
Input Common-mode Voltage Range
VICM
25℃
-
-
Vcc
+-1.5
-
-
Vcc
+-1.5
V
Vcc
+=30[V]
98
Full range
-
-
Vcc
+-2.0
-
-
Vcc
+-2.0
Common-mode Rejection Ratio
CMR
25℃
70
85
-
70
80
-
dB
RS≦10[kΩ]
98
Full range
60
-
-
60
-
-
Output Short Circuit Current (*2)
Isource
25℃
20
40
60
20
40
70
mA
Vcc
+=15[V],VO=+2[V]
VID=+1[V]
99
Output Sink Current (*2)
Isink
25℃
10
20
-
10
20
-
mA
VO=+2[V],
Vcc
+=15[V],VID=-1[V]
99
12
50
-
12
50
-
μA
VO=+0.2[V],
Vcc
+=15[V] ,VID=-1[V]
Output Voltage Swing
Vopp
25℃
0
-
Vcc
+-1.5
-
-
-
V
RL=2[kΩ]
99
Full range
0
-
Vcc
+-2.0
-
-
-
High Level Output Voltage
VOH
25℃
27
28
-
27
28
-
V
Vcc
+=30[V],RL=10[kΩ]
99
Full range
27
-
-
27
-
-
Low Level Output Voltage
VOL
25℃
-
5
20
-
5
20
mV
RL=10[kΩ]
99
Full range
-
-
20
-
-
20
Slew Rate
SR
25℃
-
0.6
-
-
0.4
-
V/μs
RL=2[kΩ],CL=100[pF],
Vcc
+=15[V]
VI=0.5[V] to 3[V],
Unity Gain
99
Gain Bandwidth Product
GBP
25℃
-
1.1
-
-
1.3
-
MHz
Vcc
+=30[V],RL=2[kΩ],
CL=100[pF]
VIN=10[mV],f=100[kHz]
99
Total Harmonic Distortion
THD
25℃
-
0.02
-
-
0.015
-
%
f=1[kHz],AV=20[dB]
RL=2[kΩ]
CL=100[pF],VO=2[Vpp]
99
Input Equivalent Noise Voltage
en
25℃
-
55
-
-
40
-
Hz
nV/
f=1[kHz],RS=100[Ω]
Vcc
+=30[V]
99
Input Offset Voltage Drift
DVIO
-
-
7
-
-
7
-
μV/℃
-
-
Input Offset Current Drift
DIIO
-
-
10
-
-
10
-
pA/℃
-
-
Channel Separation
VO1/VO2
25℃
-
120
-
-
120
-
dB
1[kHz]≦f≦20[kHz]
99
(*1) Absolute value
(*2) Under high temperatures, please consider the power dissipation when selecting the output current.
When output terminal is continuously shorted the output current reduces the internal temperature by flushing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com