Electronic Components Datasheet Search
  English  ▼

X  

6A2 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 6A2
Description  6 Amp Rectifier 50 - 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

6A2 Datasheet(HTML) 1 Page - Micro Commercial Components

  6A2 Datasheet HTML 1Page - Micro Commercial Components 6A2 Datasheet HTML 2Page - Micro Commercial Components 6A2 Datasheet HTML 3Page - Micro Commercial Components 6A2 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6A05
THRU
6A10
6 Amp Rectifier
50 - 1000 Volts
R-6
Features
•
High Current Capability
and Low Leakage
•
Low Forward Voltage Drop
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.360
8.60
9.10
B
.340
.360
8.60
9.10
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 10
°C/W Junction To Ambient
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
6A05
50V
35V
50V
6A1
100V
70V
100V
6A2
200V
140V
200V
6A4
400V
280V
400V
6A6
600V
420V
600V
6A8
800V
560V
800V
6A10
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0A
TA = 60
°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
0.95V
IFM = 6.0A;
TJ = 25
°C(Note 2)
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
100
µA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
150pF
Measured at
1.0MHz, VR=4.0V
2.Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
D
D
C
Cathode
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
6A05
6A1
6A2
6A4
6A6
6A8
6A10
www.mccsemi.com
1 of 4
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - 6A2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
6A2 RECTRON-6A2 Datasheet
24Kb / 2P
SILICON RECTIFIER
logo
Jinan Gude Electronic D...
6A2 JGD-6A2 Datasheet
149Kb / 2P
6.0 AMP.SILICON RECTIFIERS
logo
Bytes
6A2 BYTES-6A2 Datasheet
150Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Dc Components
6A2 DCCOM-6A2 Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Diodes Incorporated
6A2 DIODES-6A2 Datasheet
62Kb / 2P
6.0A SILICON RECTIFIER
DS28009 Rev. F-2
More results

Similar Description - 6A2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
6A05 MCC-6A05 Datasheet
82Kb / 3P
6 Amp Rectifier 50 - 1000 Volts
DR750 MCC-DR750 Datasheet
85Kb / 3P
Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
MR750 MCC-MR750 Datasheet
90Kb / 3P
6 Amp Rectifier 50 - 1000 Volts
S6A MCC-S6A Datasheet
346Kb / 3P
6 Amp Silicon Rectifier 50 to 1000 Volts
DR750 MCC-DR750_11 Datasheet
497Kb / 4P
6 Amp Glass Passivated Rectifier 50 - 1000 Volts
MR750 MCC-MR750_06 Datasheet
126Kb / 5P
6 Amp Rectifier 50 - 1000 Volts
S6A MCC-S6A_08 Datasheet
191Kb / 5P
6 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Analog systems
6A4-TP MAS-6A4-TP Datasheet
269Kb / 4P
6 Amp Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
6A05 MCC-6A05_13 Datasheet
273Kb / 4P
6 Amp Rectifier 50 - 1000 Volts
DR750 MCC-DR750_13 Datasheet
522Kb / 4P
Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com