Electronic Components Datasheet Search
  English  ▼

X  

30S6 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 30S6
Description  3 Amp Medium Power Silicon Rectifier 50 - 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

30S6 Datasheet(HTML) 2 Page - Micro Commercial Components

  30S6 Datasheet HTML 1Page - Micro Commercial Components 30S6 Datasheet HTML 2Page - Micro Commercial Components 30S6 Datasheet HTML 3Page - Micro Commercial Components 30S6 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30S1
thru
30S10
Silicon Rectifier
50 - 1000 Volts
T-18
Features
•
Peak Reverse Voltages Through 1000 Volts
•
Glass Passivated Chip and High Surge Current Capability
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.330
.350
8.39
8.89
B
.130
.145
3.31
3.68
C
.038
.042
0.97
1.06
D
1.00
---
25.40
---
Maximum Ratings
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TA = 100°C
Peak Forward Surge
Current
IFSM
80A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 3.0A;
TJ = 25°C(Note 2)
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5µA
10µA
TJ = 25°C
TJ = 100°C
Typical Junction
Capacitance
CJ
100pF
Measured at
1.0MHz, VR=4.0V
2.Pulse test: Pulse width 300 µsec, Duty cycle 1%
A
B
D
D
C
Cathode
•
Operating Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
30S1
30S2
30S4
30S6
30S8
30S10
3 Amp
Medium Power
30S5
30S3
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision: 4
2008/01/01
TM
Micro Commercial Components
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
www.mccsemi.com
1 of 3
30S1
100V
70V
100V
30S2
200V
140V
200V
30S3
300V
210V
300V
30S4
400V
280V
400V
30S5
500V
350V
500V
30S6
600V
420V
600V
30S8
800V
56
0V
800V
30S10
1000V
700V
1000V
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com