Electronic Components Datasheet Search
  English  ▼

X  

LM324WPR Datasheet(PDF) 1 Page - Rohm

Part # LM324WPR
Description  SIGNATURE SERIES Operational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM324WPR Datasheet(HTML) 1 Page - Rohm

  LM324WPR Datasheet HTML 1Page - Rohm LM324WPR Datasheet HTML 2Page - Rohm LM324WPR Datasheet HTML 3Page - Rohm LM324WPR Datasheet HTML 4Page - Rohm LM324WPR Datasheet HTML 5Page - Rohm LM324WPR Datasheet HTML 6Page - Rohm LM324WPR Datasheet HTML 7Page - Rohm LM324WPR Datasheet HTML 8Page - Rohm LM324WPR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
General-purpose Operational Amplifiers / Comparators
SIGNATURE SERIES
Operational Amplifiers
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
●
Description
The Universal Standard family LM358 / 324, LM2904 /
2902 monolithic ICs integrate two independent
op-amps and phase compensation capacitors on a
single chip
and feature high-gain, low power consumption, and
an operating voltage range of 3[V] to 32[V]
(single power supply.)
●
Features
1) Operating temperature range
Commercial Grade
LM358/324 family
:
0[℃] to + 70[℃]
Extended Industrial Grade
LM2904/2902 family : -40[℃] to +125[℃]
2) Wide operating supply voltage
+3[V] to +32[V] (single supply)
±
1.5[V] to ±16[V] (dual supply)
3) Low supply current
4) Common-mode input voltage range including ground
5) Differential input voltage range equal to maximum rated supply voltage
6) High large signal voltage gain
7) Wide output voltage range
●
Pin Assignment
No.11094EBT05
SIGNATURE
SERIES
LM358 family
LM324 family
Quad
LM2904 family
LM2902 family
LM358DT
LM358PT
LM358ST
LM358WDT
LM358WPT
LM324DT
LM324PT
LM324WDT
LM2904DT
LM2904PT
LM2904ST
LM2904WDT
LM2904WPT
Dual
LM2902DT
LM2902PT
LM2902WDT
LM324WDT
LM324DT
TSSOP8
TSSOP14
LM358DT
LM324PT
LM358PT
LM358WPT
LM2902PT
LM358ST
LM358WDT
LM2904DT
LM2904PT
SO package14
SO package8
Mini SO8
LM2904WDT
LM2904WPT
LM2904ST
LM2902DT
LM2902WDT
OUTPUT 1 1
2
3
4
+
-
INVERTING
INPUT 1
Vcc
-
OUTPUT 2
Vcc+
8
7
6
5
-
+
NON-INVERTING
INPUT 1
NON-INVERTING
INPUT 2
INVERTING
INPUT 2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTPUT 1
INVERTING
INPUT 1
Vcc
+
Vcc
-
-
+
+
-
-
+
+
-
NON-INVERTING
INPUT 1
NON-INVERTING
INPUT 2
INVERTING
INPUT 2
OUTPUT 2
OUTPUT 4
INVERTING
INPUT 4
NON-INVERTING
INPUT 4
NON-INVERTING
INPUT 3
INVERTING
INPUT 3
OUTPUT 3


Similar Part No. - LM324WPR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM324WPT STMICROELECTRONICS-LM324WPT Datasheet
781Kb / 16P
Low Power Quad Operational Amplifiers
Rev 2 June 2005
LM324WPT STMICROELECTRONICS-LM324WPT Datasheet
1Mb / 22P
Low-power quad operational amplifiers
09-Sep-2019
More results

Similar Description - LM324WPR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
Operational Amplifiers
logo
Rohm
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
NOW SERIES Operational Amplifiers
2011.06 - Rev.C
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
SIGNATURE SERIES Comparators
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
Operational Amplifiers
REV. D
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
Operational Amplifiers
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
Operational Amplifiers
logo
Rohm
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
SIGNATURE SERIES Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com