Electronic Components Datasheet Search
  English  ▼

X  

LM324PR Datasheet(PDF) 3 Page - Rohm

Part # LM324PR
Description  SIGNATURE SERIES Operational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM324PR Datasheet(HTML) 3 Page - Rohm

  LM324PR Datasheet HTML 1Page - Rohm LM324PR Datasheet HTML 2Page - Rohm LM324PR Datasheet HTML 3Page - Rohm LM324PR Datasheet HTML 4Page - Rohm LM324PR Datasheet HTML 5Page - Rohm LM324PR Datasheet HTML 6Page - Rohm LM324PR Datasheet HTML 7Page - Rohm LM324PR Datasheet HTML 8Page - Rohm LM324PR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Technical Note
3/17
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
○
LM2904,LM2902 family(Unless otherwise specified, Vcc+=+5[V], Vcc-=0[V])
Parameter
Symbol
Temperature
range
Limit
Unit
Conditions
Fig.
No
LM2904 family
LM2902 family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage (*3)
VIO
25℃
-
2
7
-
2
7
mV
VO=1.4[V]
98
Full range
-
-
9
-
-
9
Input Offset Current (*3)
IIO
25℃
-
2
50
-
2
30
nA
VO=1.4[V]
98
Full range
-
-
200
-
-
200
Input Bias Current (*3)
IIB
25℃
-
20
150
-
20
150
nA
VO=1.4[V]
98
Full range
-
-
200
-
-
300
Large Signal Voltage Gain
AVD
25℃
25
100
-
25
100
-
V/mV
Vcc
+=15[V]
VO=1.4[V] to 11.4[V]
RL=2[kΩ]
98
Supply Voltage Rejection Ratio
SVR
25℃
65
100
-
65
110
-
dB
RS≦10[kΩ]
99
Full range
65
-
-
65
-
-
Supply Current (All Amp)
ICC
25℃
-
0.7
1.2
-
0.7
1.2
mA
Vcc
+=5[V],No Lord
99
25℃
-
-
-
-
1.5
3
Vcc
+=30[V],No Lord
Full range
-
-
2
-
0.8
1.2
Vcc
+=5[V],No Lord
Full range
-
-
-
-
1.5
3
Vcc
+=30[V],No Lord
Input Common-mode Voltage Range
VICM
25℃
-
-
Vcc
+-1.5
-
-
Vcc
+-1.5
V
Vcc
+=30[V]
98
Full range
-
-
Vcc
+-2.0
-
-
Vcc
+-2.0
Common-mode Rejection Ratio
CMR
25℃
70
85
-
70
80
-
dB
RS=10[kΩ]
98
Full range
60
-
-
60
-
-
Output Short Circuit Current (*4)
Isource
25℃
20
40
60
20
40
70
mA
Vcc
+=+15[V],VO=+2[V]
VID=+1[V]
98
Output Sink Current (*4)
Isink
25℃
10
20
-
10
20
-
mA
VO=2[V],Vcc
+=+5[V]
VID=-1[V]
99
12
50
-
12
50
-
μA
VO=+0.2[V],
Vcc
+=+15[V] ,VID=-1[V]
Output Voltage Swing
Vopp
25℃
0
-
Vcc
+-1.5
-
-
-
V
RL=2[kΩ]
99
Full range
0
-
Vcc
+-2.0
-
-
-
High Level Output Voltage
VOH
25℃
27
-
-
27
28
-
V
Vcc
+=30[V],RL=10[kΩ]
99
Full range
27
28
-
27
-
-
Vcc
+=30[V],RL=10[kΩ]
Low Level Output Voltage
VOL
25℃
-
5
20
-
5
20
mV
RL=10[kΩ]
99
Full range
-
-
20
-
-
20
Slew Rate
SR
25℃
-
0.6
-
-
0.4
-
V/μs
RL=2[kΩ],CL=100[pF],
Unity Gain
VI=0.5[V] to 3[V]
Vcc
+=1.5[V]
99
Gain Bandwidth Product
GBP
25℃
-
1.1
-
-
1.3
-
MHz
Vcc
+=30[V],RL=2[kΩ]
CL=100[pF]
VIN=10[mV]
99
Total Harmonic Distortion
THD
25℃
-
0.02
-
-
0.015
-
%
f=1[kHz],AV=20[dB]
RL=2[kΩ]
CL=100[pF],
Vcc
+=30[V],VO=2[Vpp]
99
Input Equivalent Noise Voltage
en
25℃
-
-
-
-
40
-
Hz
nV/
f=1[kHz],RS=100[Ω]
Vcc
+=30[V]
99
Input Offset Voltage Drift
DVIO
-
-
7
-
-
7
-
μV/℃
-
-
Input Offset Current Drift
DIIO
-
-
10
-
-
10
-
pA/℃
-
-
Channel Separation
VO1/VO2
25℃
-
120
-
-
120
-
dB
1[kHz]≦f≦20[kHz]
99
(*3) Absolute value
(*4) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com