Electronic Components Datasheet Search
  English  ▼

X  

IS1622 Datasheet(PDF) 2 Page - Sharp Corporation

Part # IS1622
Description  OPIC Light Detector for Recorder Type MD (Mini Disk) RF Signal Detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS1622 Datasheet(HTML) 2 Page - Sharp Corporation

  IS1622 Datasheet HTML 1Page - Sharp Corporation IS1622 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Recommended Operating Conditions
Parameter
Symbol
MIN.
V
Unit
5.5
MAX.
6
V
µ W
µ W
IS1622
µ W
*4
µ W
2.7
2.7
1
0.5
15
7
TYP.
3.0
3.0
3
50
17
5.5
17
6
130
36
Operating supply voltage range
Cathode terminal voltage
Playback mode incident light quantity range 1
Playback mode incident light quantity range 2
Recording mode incident light quantity range 1
Recording mode incident light quantity range 2
*4
*5
*5
*4 The incident light quantity range applies to individual photodiodes of A, B, C and D and is specified in the incident light quantity per single photodiode.
*5 The incident light quantity range applies to individual photodiodes of E and F and is specified in the incident light quantity per single photodiode.
CC
K
(Ta=25˚C, V
=V =3.0V)
*6 6
µ W DC light is radiated to the center of each photodiode at 50µm φ .
Assuming the then output voltage as V
and the dark output voltage as V
, sensitivity R
is defined according to the following formula.
*7 50
µ W DC light is radiated to the center of each photodiode at 50µm φ.
Assuming the then output voltage as V
and the dark output voltage as V
, sensitivity V
is defined according to the following formula.
*8 Take measurement assuming the mode switching terminal voltage on V
=0V in the playback mode and V
=Vcc in the recording mode.
MP/R
MP/R
*9 Sensitivity response characteristics after mode switching between the playback and recording modes is specified in the sensitivity in 20
µs after change of the mode switching
terminal voltage. Take measurement with 20
µ W DC light radiated to the center of each photodiode at 50µmφ.
Assuming the then output as V and dark output voltage as V
, sensitivity R is defined according to the following formula.
p
od
p
Electro-optical Characteristics (Current flowing out of terminal : +, Current flowing into terminal : -)
pP
odP
pP
pR
odR
pP
VCC1
VK
φ P1
φ P2
φ R1
φ R2
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Application
Supply current
ICCP
-
2.0
5.2
9.0
mA
VCC
Dark output voltage
VodP
-
1.1
1.4
1.6
V
VA,VB,VC,VD
Dark output differential voltage
VodPS
-
- 25
0
25
mV
VA,VB,VC,VD
Sensitivity
*6
RpP
-
13
22.5
34
mV/
µ W VA,VB,VC,VD
Sensitivity temperature coefficient
RpPt
Ta=- 20to+70˚C
-
+ 7 000
-
ppm/˚C
VA,VB,VC,VD
Response frequency
fCP
- 3dB
3.0
5.3
-
MHz
VA,VB,VC,VD
Output noise level
VnP
f = 720kHz,BW = 10kHz
-
dBm
VA,VB,VC,VD
Supply current
ICCR
-
3.0
5.6
10.0
mA
VCC
Dark output voltage
VodR
-
1.1
1.35
1.6
V
VA,VB,VC,VD
Dark output difference voltage
VodRS
-
- 25
0
25
mV
VA,VB,VC,VD
Sensitivity
*7
RpR
-
1.3
2.8
4.9
mV/
µ W VA,VB,VC,VD
Sensitivity temperature coefficient
RpRt
Ta=- 20to+70˚C
-
+ 7 000
-
ppm/˚C
VA,VB,VC,VD
Response frequency
fCR
- 3dB
1.8
3.8
-
MHz
VA,VB,VC,VD
Output noise level 1
VnR1
f=22kHz,BW=1kHz
-
- 100
dBm
VA,VB,VC,VD
Output noise level 2
VnR2
f=720kHz,BW= 10kHz
-
- 90
dBm
VA,VB,VC,VD
Sensitivity
RpE,RpF
-
0.28
0.37
0.52
µ A/ µ WIE,IF
Output current
IO
-
240
430
700
µ A
VA,VB,VC,VD
Dark current
IdE,IdF
--
-
10
nA
IE,IF
Terminal capacitance
CAK
--
(20)
-pF
IE,IF
Mode switching terminal voltage 1
VMR
-
Vcc- 0.5
-
Vcc
V
MP/R
Mode switching terminal voltage 2
VMP
-
0
-
0.4
V
MP/R
Mode switching terminal current 1
IMR
-
-
-
230
µ A
MP/R
Mode switching terminal current 2
IMP
--
-
µ A
MP/R
Charac. after
mode switching
Sensitivity response
RpRP
*9
11.7
22.5
35.7
mV/
µ W VA,VB,VC,VD
Sensitivity response
RpRP
*9
1.2
2.8
5.2
mV/
µ W VA,VB,VC,VD
- 0.5
-80
-90
-90
- 80
RpP= | VpP-VodP |/ 6 µW
RpR=| VpR-VodR | / 50 µW
Rp =| Vp-Vod | / 20 µW
Conditions *8
Please refer to the chapter "Precautions for Use". (Page 78 to 93)
s
s
q



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com