Electronic Components Datasheet Search
  English  ▼

X  

IS1640 Datasheet(PDF) 1 Page - Sharp Corporation

Part # IS1640
Description  OPIC Light Detector for DVD-ROM/DVD Player (2X Speed)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS1640 Datasheet(HTML) 1 Page - Sharp Corporation

  IS1640 Datasheet HTML 1Page - Sharp Corporation IS1640 Datasheet HTML 2Page - Sharp Corporation IS1640 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(Unit : mm)
IS1640
OPIC Light Detector
OPIC Light Detector for DVD-ROM/DVD Player (2X Speed)
Tec.970201
General Description
Outline Dimensions
Features
1
2
3
4
5
6
7
8
9
10 VD
VM
VB
VC
VS
Vcc
VF
VE
VA
GND
Terminal connection
5
6
7
8
9
10
0.35
0.4
P=0.8
0.15
5.0
4
3
2
1
(1) DVD-ROMs
(2) DVD players
SHARP's IS1640 is OPIC light detector for pick-up of
DVD-ROM/DVD player which is expected as next
generation media.
It is also applicable to 2X speed DVD-ROM/DVD player.
It has sensitivity switching terminal which enables to read
both 1-layer disc and 2-layer disc.
(1) OPIC light detector for RF signal detection
(Integrates 6-division PIN photodiode and Amp. IC
onto a single chip)
(2) High speed response
(Response frequency : MIN.20MHz)
(3) High sensitivity
(Sensitivity : TYP.40.5mV/
µW at 650nm)
(4) With sensitivity switching terminal which enables to
read both 1-layer/2-layer disc
(5) Compact and thin package
(Package dimensions : 5.0 x 4.0 x 1.5mm)
(6) Possible to supply custom-made detecting patterns
(7) Pair use with SHARP's laser diode is recommended.
Laser diode : 650nm (self pulsation) LT055 series
650nm LT056 series
* "OPIC" (Optical IC) is a trademark of the SHARP Corporation.
An OPIC consists of a light -detecting element and signal-processing
circuit integrated onto a single chip.
Application
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage
Vcc
6.0
V
Output voltage
Vo
Vcc
V
Operating temperature
Topr
-20 to +70
°C
Storage temperature
Tstg
-40 to +100
Soldering temperature
Tsol
260
*1
*2
°C
°C
(Ta=25
°C)
*1 Applies to VA to VF terminal.
*2 For MAX.3s at the position of 1.0mm from the bottom face of resin package.
(Notice)
• In the absence of device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP device
shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
• Specifications are subject to change without notice for improvement.
(Internet) • Data for SHARP's optoelectronic/power device is provided for internet. (Address http://www.sharp.co.jp/ecg/)


Similar Part No. - IS1640

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS1642 ETC-IS1642 Datasheet
245Kb / 3P
1⁄16 DIN Temperature, Process and Strain PID Controllers
IS1643 ETC-IS1643 Datasheet
245Kb / 3P
1⁄16 DIN Temperature, Process and Strain PID Controllers
IS1644 ETC-IS1644 Datasheet
245Kb / 3P
1⁄16 DIN Temperature, Process and Strain PID Controllers
logo
Europa PLC
IS164N EUROPA-IS164N Datasheet
235Kb / 1P
IP44 In-line Industrial Sockets
More results

Similar Description - IS1640

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS1604 SHARP-IS1604 Datasheet
31Kb / 2P
OPIC Light Detector for 4 times Speed CD-ROM Drive
IS1682 SHARP-IS1682 Datasheet
53Kb / 2P
OPIC Light Detector for X40 Speed CD-ROM Drive
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
PDIC for CD-ROM/DVD-ROM
logo
List of Unclassifed Man...
DV-SL100 ETC-DV-SL100 Datasheet
522Kb / 4P
Progressive Scan DVD Player
logo
Rohm
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
Sound processor for DVD player
RLD2WMUV2 ROHM-RLD2WMUV2 Datasheet
86Kb / 3P
DVD-ROM / player single mode 2wavelength laser diode
BA5983FP ROHM-BA5983FP_1 Datasheet
470Kb / 7P
BTL Driver For DVD-ROM
BA5954FM ROHM-BA5954FM_1 Datasheet
102Kb / 6P
BLT Driver For DVD-ROM
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W_06 Datasheet
390Kb / 16P
Front End Processor for DVD Player
logo
Renesas Technology Corp
PH561 RENESAS-PH561 Datasheet
178Kb / 6P
HIGH SPEED, HIGH SENSITIVITY PHOTO DIODE INTERNAL I/V AMPLIFIER DETECTOR FOR DVD, DVD-ROM, DVD-RAM
April 1st, 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com