Electronic Components Datasheet Search
  English  ▼

X  

IS1682 Datasheet(PDF) 1 Page - Sharp Corporation

Part # IS1682
Description  OPIC Light Detector for X40 Speed CD-ROM Drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS1682 Datasheet(HTML) 1 Page - Sharp Corporation

  IS1682 Datasheet HTML 1Page - Sharp Corporation IS1682 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(Unit: mm)
IS1682
Tec.IS980701
General Description
Outline Dimensions
Features
Applications
Absolute Maximum Ratings
OPIC Light Detector
OPIC Light Detector for X40 Speed CD-ROM Drive
Sharp's IS1682 is OPIC light detectors which
are used for pick-up in X40 speed CD-ROM drive.
They improve noise resistance characteristics and
enable to read low reflective CD-RW due to built-in
RF amp.
(1) High speed response(Response frequency: MIN. 45MHz)
(Best suited for optical pick-up in X40 speed CD-ROM drive)
(2) With built-in RF amplifier
(Integrates 6-division PIN photodiode and
amplifier circuit onto a single chip)
(3) Compact and thin package
(Dimensions: 5.0 x 4.0 x 1.5mm)
(4) Possible to supply custom-made detecting pattern
(5) Pair use with Sharp's laser diode is recommended.
Laser diode : 780 nm / 5 mW (LT022 series )
770 to 795 nm /60 mW ( LT041NS )
(1) CD-ROM drive(to 40X speed)
(2) CD-ROM drive for CD-RW
* "OPIC"(Optical IC)is a trademark of the SHARP Corporation. An OPIC consists of a
light-detecting element and signal-processing circuit integrated ontoa single chip.
(Ta=25˚C)
Parameter
Symbol
Rating
Unit
Supply voltage
Vcc
6.0
V
*1 Output voltage
Vo
Vcc
V
Operating temperature
Topr
−30 to +80
˚C
Storage temperature
Tstg
−40 to +100
˚C
Soldering temperature
Tsol
260
˚C
*1 Applies to VA to VF,VRF
*2 For MAX.3s at the position of 1.0mm from the resin edge.
1
2
3
4
5
6
7
8
9
10 VF
VRF
VB
VE
VS
Vcc
VD
VC
VA
GND
Terminal connection
5
6
7
8
9
10
0.35
0.4
P=0.8
0.15
5.0
4
3
2
1
Under development
New product
*2
380
A
B
C
D
4-15
E
F
66
88
66
124
124
Unit:
µm
6˚
6˚
5
Detecting Pattern of Photodiode
−
+
Bias circuit
−
+
−
+
E
F
−
+
−
+
−
+
−
+
Vcc
A
B
C
D
GND
VRF
VF
VE
VD
VC
VB
VA
VS
Internal Block Diagram
(Notice)
(Internet)
• Data for Sharp's optoelectronic/power devices is provided on internet. ( Address http://www.sharp.co.jp/ecg/)
• In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using
any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any
SHARP device.
• Specifications are subject to change without notice for improvement.


Similar Part No. - IS1682

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS1685S ETC-IS1685S Datasheet
768Kb / 38P
Noise Reduction Mono Headset IC with A2DP streaming
1.0 - 3/11/2013
More results

Similar Description - IS1682

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8783SB PANASONIC-AN8783SB Datasheet
57Kb / 7P
4-channel linear driver IC for CD/CD-ROM drive
AN8787NSB PANASONIC-AN8787NSB Datasheet
61Kb / 7P
4-channel linear driver IC for CD/CD-ROM drive
logo
Sharp Corporation
IS1604 SHARP-IS1604 Datasheet
31Kb / 2P
OPIC Light Detector for 4 times Speed CD-ROM Drive
IS1640 SHARP-IS1640 Datasheet
29Kb / 3P
OPIC Light Detector for DVD-ROM/DVD Player (2X Speed)
IS1U20 SHARP-IS1U20 Datasheet
33Kb / 3P
OPIC Light Detector for Infrared Communication (IrDA1.0 Compatible)
IS456 SHARP-IS456 Datasheet
65Kb / 5P
High Speed Response Type OPIC Light Detector
IS457 SHARP-IS457 Datasheet
47Kb / 4P
High Speed Response Type OPIC Light Detector
IS487 SHARP-IS487 Datasheet
54Kb / 4P
Built-in Amp.Type OPIC Light Detector
logo
Rohm
BA5986FM ROHM-BA5986FM Datasheet
94Kb / 10P
CD-ROM / DVD BTL DRIVE
logo
Sharp Corporation
GA1A1S204WP SHARP-GA1A1S204WP Datasheet
573Kb / 18P
GA1A1S204WP OPIC Light Detector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com