Electronic Components Datasheet Search
  English  ▼

X  

LTR50UZPFD Datasheet(PDF) 3 Page - Rohm

Part # LTR50UZPFD
Description  High Power Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LTR50UZPFD Datasheet(HTML) 3 Page - Rohm

  LTR50UZPFD Datasheet HTML 1Page - Rohm LTR50UZPFD Datasheet HTML 2Page - Rohm LTR50UZPFD Datasheet HTML 3Page - Rohm LTR50UZPFD Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.F
Data Sheet
LTR50
Dimensions (Unit : mm)
No.
Material
Resistive element
(Oxide metal thick film)
Silver thick film electrode
Nickel electrode
Sn electrode
Alumina substrate
Overcoating (Resin)
1
2
3
4
5
6
5.0
±0.15
0.55
±0.1
Packaging
C
AB
D
Label
AB
C
D
Reel
Taping
A0
P1
P0
P2
K
φD
EIAJ ET-7200B compliant
(Unit : mm)
(Unit : mm)
WF
E
A0
B0
D0
P0
P1
P2
K
12.0
±0.3
5.5
±0.05
1.75
±0.1
3.4
±0.2
5.6
±0.2
4.0
±0.1
4.0
±0.1
2.0
±0.05
Max. 1.1
13
+1.0
0
φ180
0
−1.5
φ60
+1
0
φ13±0.2
φ1.5 +0.1
0
Part designation
T
LR 5 0
Part No.
U Z P
J
±5%
Resistance tolerance
J
±0.5%
D
±1%
F
Nominal resistance
F , D
J
:
:
4 digits
3 digits
Resistance code, 3 or 4 digits.
Resistance
tolerance
Resistance
code
UZP
Embossed tape (4mm Pitch)
φ180mm (7inch)
LTR50
Reel (
φ180mm) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
Part No.
Resistance tolerance
Code
Packaging specifications
Reel
Packaging Specifications Code
D(
±0.5%) F(±1%)
J(
±5%)
5,000
Basic ordering unit
(pcs)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com