Electronic Components Datasheet Search
  English  ▼

X  

MCR03MZPFXFX Datasheet(PDF) 1 Page - Rohm

Part # MCR03MZPFXFX
Description  Compact Thick Film Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR03MZPFXFX Datasheet(HTML) 1 Page - Rohm

  MCR03MZPFXFX Datasheet HTML 1Page - Rohm MCR03MZPFXFX Datasheet HTML 2Page - Rohm MCR03MZPFXFX Datasheet HTML 3Page - Rohm MCR03MZPFXFX Datasheet HTML 4Page - Rohm MCR03MZPFXFX Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
www.rohm.com
○
c
2011 ROHM Co., Ltd. All rights reserved.
2011.06 - Rev.N
Compact Thick Film Chip Resistors
MCR03 (0603 size : 1 / 10W)
Features
1) Power rating of 1 / 10W
2) Highly reliable chip resistor
Ruthenium oxide dielectric offers superior resistance to the elements.
3) Electrodes not corroded by soldering
Thick film makes the electrodes very strong.
4) Resin protective coating absorbs impact, facilitates mounting.
5) ROHM resistors have approved ISO9001- / ISO/TS 16949- certification.
Ratings
Design and specifications are subject to change without notice. Carefully check the specification sheet supplied with the
product before using or ordering it.
0.10W (1 / 10W)
−55°C to +155°C
at 70
°C
Item
Conditions
Specifications
Rated power
Rated voltage
Operating temperature
Nominal resistance
See Table 1.
Limiting element voltage
50V
Power must be derated according to the power derating curve in
Figure 1 when ambient temperature exceeds 70
°C.
The voltage rating is calculated by the following equation.
If the value obtained exceeds the limiting element voltage,
the voltage rating is equal to the maximum operating voltage.
E: Rated voltage (V) P: Rated power (W)
R: Nominal resistance (
Ω)
E
= P×R
0
20
40
60
80
100
−55
0
70
100
155
AMBIENT TEMPERATURE (
°C)
Fig.1


Similar Part No. - MCR03MZPFXFX

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03MZPFX100 ROHM-MCR03MZPFX100 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03MZPFX100 ROHM-MCR03MZPFX100 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03MZPFX100 ROHM-MCR03MZPFX100 Datasheet
149Kb / 7P
Thick Film Chip Resistors
MCR03MZPFX100 ROHM-MCR03MZPFX100 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03MZPFX100 ROHM-MCR03MZPFX100 Datasheet
143Kb / 7P
Thick Film Chip Resistors
More results

Similar Description - MCR03MZPFXFX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402WGF0000TCE ETC2-0402WGF0000TCE Datasheet
94Kb / 9P
Thick Film Chip Resistors
logo
Rohm
UCR10 ROHM-UCR10 Datasheet
79Kb / 5P
Low Ohmic Compact Thick Film Chip Resistors
UCR18 ROHM-UCR18 Datasheet
164Kb / 5P
Low Ohmic Compact Thick Film Chip Resistors
MCR01 ROHM-MCR01_11 Datasheet
138Kb / 4P
Compact Thick Film Chip Resistors
MCR10 ROHM-MCR10_11 Datasheet
128Kb / 4P
Compact Thick Film Chip Resistors
MCR03_1111 ROHM-MCR03_1111 Datasheet
170Kb / 5P
Compact Thick Film Chip Resistors
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEYJ101V PANASONIC-ERJ-8GEYJ101V Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF2202 ROHM-MCR01MZPF2202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com