Electronic Components Datasheet Search
  English  ▼

X  

MCR03MZPFXJ Datasheet(PDF) 4 Page - Rohm

Part # MCR03MZPFXJ
Description  Compact Thick Film Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR03MZPFXJ Datasheet(HTML) 4 Page - Rohm

  MCR03MZPFXJ Datasheet HTML 1Page - Rohm MCR03MZPFXJ Datasheet HTML 2Page - Rohm MCR03MZPFXJ Datasheet HTML 3Page - Rohm MCR03MZPFXJ Datasheet HTML 4Page - Rohm MCR03MZPFXJ Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
○
c
2011 ROHM Co., Ltd. All rights reserved.
2011.06 - Rev.N
Data Sheet
MCR03 (0603 size : 1 / 10W)
Part No. Explanation
Part No.
Resistance tolerance
J(
±5%)
Code
FX(
±1%) D(±0.5%) Packaging specifications
Reel
Remarks
−
−
Basic ordering unit (pcs)
Reel (
φ180mm) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
EZP
MCR03
φ180mm(7inch)
Paper tape (4mm Pitch)
PZPI
MCR03
5,000
Narrow pitch type
MZP
MCR03
φ180mm(7inch)
Paper tape (2mm Pitch)
10,000
25,000
Bulkcase
−
−
−
Packaging Specifications Code
C
MR 0
P
EZ
J
Resistance tolerance
Part No.
Nominal resistance
3
J
±5%
FX
FX, D
J
:
:
4 digits
3 digits
±1%
D
±0.5%
Resistance code, 3 or 4 digits.
000 denotes jumper type.
Resistance
tolerance
Resistance
code
J is also used
for jumper



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com