Electronic Components Datasheet Search
  English  ▼

X  

IS474 Datasheet(PDF) 2 Page - Sharp Corporation

Part # IS474
Description  Linear Output Type OPIC Light Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS474 Datasheet(HTML) 2 Page - Sharp Corporation

  IS474 Datasheet HTML 1Page - Sharp Corporation IS474 Datasheet HTML 2Page - Sharp Corporation IS474 Datasheet HTML 3Page - Sharp Corporation IS474 Datasheet HTML 4Page - Sharp Corporation IS474 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VCC
4.5
5.5
V
EV
V O
0VCC - 1.5
V
T opr
-10
70
˚C
lx
Parameter
Symbol
MIN.
MAX.
Unit
Supply voltage
Output voltage
Operating temperature
100
*1
Illuminance
*1 CIE standard light source A (tungsten lamp)
-
-
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Conditions
Test circuit
(Vcc=5V, Ta=25˚C )
Supply current
Output current 1
Output current 2
Output current ratio 1
Output current 3
Output current 4
Output current ratio 2
Dark output current
Peak sensitivity wavelength
Response time (rise)
Response time (fall)
Icc
*1
*1
*1
*2
*3
*1
Ev= 0 lx
Ev= 100 lx
Ev= 1000 lx
Ev= 100 lx
Ev= 100 lx
Ev= 0 lx
RL= 3.3k
Ω
RL= 3.3k
Ω
-
mA
µ A
µ A
µ A
µ A
nA
nm
µ s
µ s
-
-
0.2
- 6.0
-60
9.0
-
-
(0.9)
-
-
-
-
0.55
-10
-100
10
-11
-10
(1.1)
-10
(550)
12
30
1.0
-14
- 140
11
-
-
(1.3)
- 500
-
-
-
1
2
2
-
2
2
-
2
-
3
3
Power source
fluctuation removability
-
-
-
-
-
-
PSRR1
PSRR2
PSRR3
48
39
11
dB
dB
dB
Ev= 0 lx
RL= 3.3k
Ω
Ev= 0 lx
RL= 3.3k
Ω
Ev=1000 lx
RL= 3.3k
Ω
*2 Illuminance by incandescent lamp
*3 Illuminance by fluorescent lamp
*4 Power source fluctuation removability PSRR is defined according to the following formula.
Vcc ripple voltage
Vo ripple voltage
Electro-optical Characteristics
Recommended Operating Conditions
IS474
50 000
IO1
IO2
RIO1
IO3
IO4
RIO2
Iod
λ p
tr
tf
-
*1 Illuminance by CIE standard light source A (tungsten lamp)
Test circuit 1
Test circuit 2
Test circuit 3
PSRR =201og
at 10kHz
at 100kHz
at 10kHz
Io2/Io 1
Io3/Io 4
*4
Vcc
Io
GND
IS474
Ip=660nm
CRT
Vcc
Vin
Vo
Ro
3.3k
Ω
T
90%
10%
0V
1.0V
tr
tf
Vin
tr,tf=0.01
µ s
Zo=50
Ω
T=500
µ s
Adjust Vin so that Vo waveform
may be of 1.0V amplitude
Vcc
Io
GND
IS474
Ev
A
5V
Vcc
Io
GND
IS474
Ev
A
5V
s
s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com