Electronic Components Datasheet Search
  English  ▼

X  

BAP64-05 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAP64-05
Description  General Purpose Pin Diodes 250mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAP64-05 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAP64-05 Datasheet HTML 1Page - Micro Commercial Components BAP64-05 Datasheet HTML 2Page - Micro Commercial Components BAP64-05 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAP64-05
General
Purpose Pin Diodes
250mW
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Parameter
Symbol
Limits
Unit
Continuous Reverse Voltage
VR
175
V
Forward Current
IF
100
mA
Power Dissipation(TA=90
oC)
PD
250
mW
Junction and Storage temperature
Tj,Pstg
-65~+150
℃
Features
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Low diode capacitance
•
Low diode forward resistance
•
MARKING: 5K
Thermal Resistance Junction to
Revision:
A
20
11/01/01
1 of 3
TM
Micro Commercial Components
•
Moisture Sensitivity Level 1
Maximum Ratings @ 25°C Unless Otherwise Specified
Ambient
RthJA
500
oC/W
Parameter
Symbol Min. TYP
Max. Unit
Conditions
Reverse Voltage
IR
10
VR=175V
Diode forward
rD
2
3.8
Ω
IF=10mA , f=100MHz
1.0
VR=20V
Forward voltage
VF
1.1
V
IF=50mA
Diode capacitance
Cd3
0.23 0.35
pF
VR=20V,f=1MHz
Cd1
0
.52
pF
VR=0V,f=1MHz
Cd2
0.37
pF
VR=1V,f=1MHz
rD
2
0
40
Ω
IF=0.5mA, f=100MHz
rD
10
20
Ω
IF=1mA , f=100MHz
Leakage
Electrical Characteristics @ 25
°C Unless Otherwise Specified
www.mccsemi.com
uA
Current
rD
0.7
1.35
Ω
IF=100mA , f=100MHz
resistance
Charge carrier
τL
when switched from
IF=10mAtoIR=6mA;RL=
1
00Ω;measuredatIR=3mA
1.55
μS
life time
Series inductance
LS
1.4
nH
IF=100mA, f=100MHz
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950


Similar Part No. - BAP64-05

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP64-05 PHILIPS-BAP64-05 Datasheet
83Kb / 7P
Silicon PIN diode
1999 Jun 16
BAP64-05 PHILIPS-BAP64-05 Datasheet
52Kb / 7P
Silicon PIN diode
1999 Jun 16
logo
Guangdong Kexin Industr...
BAP64-05 KEXIN-BAP64-05 Datasheet
38Kb / 1P
Silicon PIN diode
logo
SeCoS Halbleitertechnol...
BAP64-05 SECOS-BAP64-05 Datasheet
189Kb / 2P
Small Signal General Purpose Pin Diode
logo
Shenzhen Jin Yu Semicon...
BAP64-05 HTSEMI-BAP64-05 Datasheet
1Mb / 2P
PIN DIODE
More results

Similar Description - BAP64-05

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
BAP50-03 HTSEMI-BAP50-03 Datasheet
712Kb / 2P
GENERAL PURPOSE PIN DIODES
BAP51-02 HTSEMI-BAP51-02 Datasheet
664Kb / 2P
GENERAL PURPOSE PIN DIODES
logo
Micro Commercial Compon...
BAP64-04 MCC-BAP64-04 Datasheet
497Kb / 3P
General Purpose Pin Diodes 250mW
BAP64-06 MCC-BAP64-06_12 Datasheet
502Kb / 3P
General Purpose Pin Diodes 250mW
logo
Jiangsu Changjiang Elec...
BAP51-02 JIANGSU-BAP51-02 Datasheet
593Kb / 4P
GENERAL PURPOSE PIN DIODES
BAR64-02V JIANGSU-BAR64-02V Datasheet
618Kb / 4P
GENERAL PURPOSE PIN DIODES
logo
Micro Commercial Compon...
BAP64-04 MCC-BAP64-04_16 Datasheet
303Kb / 2P
General Purpose Pin Diodes 250mW
BAP64-05 MCC-BAP64-05_16 Datasheet
305Kb / 2P
General Purpose Pin Diodes 250mW
BAP64-06 MCC-BAP64-06_16 Datasheet
302Kb / 2P
General Purpose Pin Diodes 250mW
logo
SHIKUES Electronics
BAR64-02V SKTECHNOLGY-BAR64-02V Datasheet
612Kb / 3P
GENERAL PURPOSE PIN DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com