Electronic Components Datasheet Search
  English  ▼

X  

BAR43C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAR43C
Description  200mW SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAR43C Datasheet(HTML) 1 Page - Micro Commercial Components

  BAR43C Datasheet HTML 1Page - Micro Commercial Components BAR43C Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAR43/A/C/S
SCHOTTKY DIODE
SOT-23
Suggested Solder
Pad Layout
Features
•
Low Current Leakage.
•
Surface Mount SOT-23 Package
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
K
www.mccsemi.com
1 of
2
Maximum Ratings
Working Peak Reverse Voltage
VR
30V
Average Rectified Forward Current
IF(AV)
200mA
Total Power Dissipation @ TA = 25
°C
PD
200mW
Storage Temperature Range
Tstg
-55
°C to 150°C
Operating Junction Temperature
Tj
150
°C
Electrical Characteristics @ 25°C Unless Otherwise Specified
Parameter
Symbol
Max.
Notes
VF
0.33V
0.45V
0.80V
Reverse Current
IR
0.5uA
VR = 25V
Reverse Breakdown
Voltage
V(BR)
30V(min)
Reverse Recovery
Time
trr
5nS
IF=IR=10mA; Irr =1mA
Schematic Diagram and Marking
3
1
2
3
1
2
3
1
2
1
3
BA
R43
BA
R43A
BA
R43S
BA
R43C
12
3
D95
BA
R43
BA
R43C
D95
DB2
BA
R43A DB1
BA
R43S DA5
MARKING
RL=100
IF =2mA
IF =15mA
IF=100mA
Forward Voltage
200mW
IR =100uA
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAR43C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAR43C STMICROELECTRONICS-BAR43C Datasheet
54Kb / 4P
SMALL SIGNAL SCHOTTKY DIODES
Jun-1999
logo
Fairchild Semiconductor
BAR43C FAIRCHILD-BAR43C Datasheet
30Kb / 2P
Schottky Diodes
BAR43C FAIRCHILD-BAR43C Datasheet
41Kb / 2P
BAR43/A/C/S
logo
SEMTECH ELECTRONICS LTD...
BAR43C SEMTECH_ELEC-BAR43C Datasheet
181Kb / 2P
SCHOTTKY BARRIER DIODE
logo
Jiangsu Changjiang Elec...
BAR43C JIANGSU-BAR43C Datasheet
539Kb / 4P
SCHOTTKY BARRIER DIODE
More results

Similar Description - BAR43C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS40DW-06 MCC-BAS40DW-06 Datasheet
221Kb / 3P
200mW SCHOTTKY BARRIER Diode
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
200mW SCHOTTKY BARRIER Diode
BAT42WS MCC-BAT42WS Datasheet
209Kb / 2P
Schottky Barrier Diode 200mW
BAT46W MCC-BAT46W Datasheet
202Kb / 3P
200mW Schottky Diode 100 Volts
SD103ATW MCC-SD103ATW Datasheet
219Kb / 3P
200mW SCHOTTKY BARRIER DIODE
BAR43A MCC-BAR43A Datasheet
243Kb / 2P
200mW SCHOTTKY DIODE
BAT42WS MCC-BAT42WS_14 Datasheet
347Kb / 3P
Schottky Barrier Diode 200mW
BAT46WS MCC-BAT46WS Datasheet
306Kb / 3P
Schottky Barrier Diode 200mW
SD103ATW MCC-SD103ATW_13 Datasheet
181Kb / 3P
200mW SCHOTTKY BARRIER DIODE
BAS70TW MCC-BAS70TW_13 Datasheet
217Kb / 3P
200mW SCHOTTKY BARRIER Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com