Electronic Components Datasheet Search
  English  ▼

X  

BAW56T Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAW56T
Description  150mW 85Volt Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAW56T Datasheet(HTML) 1 Page - Micro Commercial Components

  BAW56T Datasheet HTML 1Page - Micro Commercial Components BAW56T Datasheet HTML 2Page - Micro Commercial Components BAW56T Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
150mW 85Volt
Switching Diode
SOT-523
Features
Ultra-Small Surface Mount Package
For General Purpose Switching Applications
High Conductance
Maximum Ratings
Operating Temperature: -55 C to +150 C
Storage Temperature: -55 C to +150 C
Electrical Characteristics @ 25 C Unless Otherwise Specified
Peak Repetitive
Reverse Voltage
VRRM
85V
Continuous
Forward Current
IF
75mA
Power Dissipation
PD
150mW
Peak Forward Surge
Current
@t=1.0us
@t=1.0ms
@t=1.0s
IFSM
4.0A
1.0A
0.5A
Maximum
Instantaneous
Forward Voltage
VF
715mV
855mV
1000mV
1250mV
IF = 1mA
IF = 10mA;
IF = 50mA
IF = 150mA
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
2 A
0.03 A
VR=75Volts
VR=25Volts
Typical Total
Capacitance
CT
1.5pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
4nS
IF = IR = 10mA,
Irr = 0.1 x IR,
RL = 100
BAS16T
BAW56T
BAV70T
BAV99T
BAS16T
Marking : A2
BAW56T
Marking : JD
BAV70T
Marking : JJ
BAV99T
Marking : JE
Revision:
A
20
11/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E
.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
A
C
B
D
E
G
H
J
DIMENSIONS
K
www.mccsemi.com
1 of 3
MCC
TM
Micro Commercial Components
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAW56T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAW56T PHILIPS-BAW56T Datasheet
72Kb / 12P
High-speed double diode
1997 Dec 19
logo
Diodes Incorporated
BAW56T DIODES-BAW56T Datasheet
200Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 3 - 2
logo
Infineon Technologies A...
BAW56T INFINEON-BAW56T Datasheet
128Kb / 8P
Silicon Switching Diode
Jun-03-2003
logo
Weitron Technology
BAW56T WEITRON-BAW56T Datasheet
265Kb / 3P
Surface Mount Switching Diodes
logo
Diodes Incorporated
BAW56T DIODES-BAW56T Datasheet
90Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 7 - 2
More results

Similar Description - BAW56T

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1SS226 MCC-1SS226 Datasheet
183Kb / 3P
150mW SWITCHING DIODE
1SS265 MCC-1SS265 Datasheet
456Kb / 2P
150mW 35 Volt Band Switching Diode
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
150mW 75Volt Switching Diode
BAS21T MCC-BAS21T Datasheet
191Kb / 3P
150mW 250 Volt Switching Diode
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
150mW SWITCHING DIODE
BAS16T MCC-BAS16T_13 Datasheet
265Kb / 3P
150mW 85Volt Switching Diode
BAS16X MCC-BAS16X_13 Datasheet
283Kb / 3P
150mW 75Volt Switching Diode
BAS21T MCC-BAS21T_13 Datasheet
226Kb / 3P
150mW 250 Volt Switching Diode
BAS16T MCC-BAS16T_16 Datasheet
232Kb / 3P
150mW 85Volt Switching Diode
BAV70M MCC-BAV70M_17 Datasheet
378Kb / 3P
150mW Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com