Electronic Components Datasheet Search
  English  ▼

X  

MP6T11 Datasheet(PDF) 3 Page - Rohm

Part # MP6T11
Description  Midium Power Transistors (-30V / -1A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6T11 Datasheet(HTML) 3 Page - Rohm

  MP6T11 Datasheet HTML 1Page - Rohm MP6T11 Datasheet HTML 2Page - Rohm MP6T11 Datasheet HTML 3Page - Rohm MP6T11 Datasheet HTML 4Page - Rohm MP6T11 Datasheet HTML 5Page - Rohm MP6T11 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
MP6T11
 
Electrical characteristic curves (Ta=25
C)
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
COLECTOR TO EMITTER VOLTAGE:V
CE[V]
Fig.1 Typical Output Characteristics
-3.0mA
-1.5mA
-1.0mA
I
B=-0.5mA
-4.0mA
-5.0mA
-2.0mA
Ta=25
°C
10
100
1000
-1
-10
-100
-1000
COLLECTOR CURRENT :I
C[mA]
Fig.2 DC Current Gain vs. Collector Current(Ⅰ)
V
CE=-5V
-2V
Ta=25
°C
10
100
1000
-1
-10
-100
-1000
COLLECTOR CURRENT :I
C[mA]
Fig.3 DC Current Gain vs. Collector Current(Ⅱ)
V
CE=-2V
Pulsed
Ta=125
°C
75
°C
25
°C
-40
°C
-0.01
-0.1
-1
-10
-1
-10
-100
-1000
COLLECTOR CURRENT :I
C[mA]
Fig.4 Collector-Emitter Saturation Voltage vs. Collector Current(Ⅰ)
Ta=25
°C
Pulsed
I
C/IB=50
20
10
-0.01
-0.1
-1
-1
-10
-100
-1000
COLLECTOR CURRENT :I
C[mA]
Fig.5 Collector-Emitter Saturation Voltage vs. Collector Current(Ⅱ)
I
C/IB=20
Pulsed
Ta=125
°C
75
°C
25
°C
-40
°C
-1
-10
-100
-1000
-1.5
-1
-0.5
0
BASE TO EMITTER VOLTAGE :V
BE[V]
Fig.6 Ground Emitter Propagation Characteristics
V
CE=-2V
Pulsed
Ta=125
°C
75
°C
25
°C
-40
°C
3/5
2010.12 - Rev.A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com