Electronic Components Datasheet Search
  English  ▼

X  

MP6X12 Datasheet(PDF) 3 Page - Rohm

Part # MP6X12
Description  Midium Power Transistors (50V / 1A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6X12 Datasheet(HTML) 3 Page - Rohm

  MP6X12 Datasheet HTML 1Page - Rohm MP6X12 Datasheet HTML 2Page - Rohm MP6X12 Datasheet HTML 3Page - Rohm MP6X12 Datasheet HTML 4Page - Rohm MP6X12 Datasheet HTML 5Page - Rohm MP6X12 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
MP6X12
 
0.0
0.1
0.2
0.3
0.4
0.5
00.511.52
COLECTOR TO EMITTER VOLTAGE : V
CE[V]
Fig.1 Typical Output Characteristics
2.5mA
2.0mA
1.5mA
1.0mA
0.5mA
3.0mA
5mA
Ta=25
°C
4mA
10
100
1000
1
10
100
1000
10000
COLLECTOR CURRENT : I
C[mA]
Fig.2 DC Current Gain vs. Collector Current
Ta=25
°C
V
CE=5V
2V
1000
Fig.3 DC Current Gain vs.Collector Current ( II )
V
CE=2V
0.1
1
Fig.4 Collector-Emitter Saturation Voltage vs. Collector Current ( I )
Ta=25
°C
I
C/IB=10
20
50
10
100
1
10
100
1000
10000
COLLECTOR CURRENT : I
C[mA]
Ta=125
°C
75
°C
25
°C
-40
°C
0.001
0.01
1
10
100
1000
10000
COLLECTOR CURRENT : I
C[mA]
0.001
0.01
0.1
1
1
10
100
1000
10000
COLLECTOR CURRENT : I
C[mA]
Fig.5 Collector-Emitter Saturation Voltage vs. Collector Current(II)
I
C/IB=20
Ta=125
°C
75
°C
25
°C
-40
°C
1
10
100
1000
10000
0
0.5
1
1.5
BASE TO EMITTER VOLTAGE : V
BE[V]
Fig.6 Ground Emitter Propagation Characteristics
V
CE=2V
Ta=125
°C
75
°C
25
°C
-40
°C
3/5
2010.11 - Rev.A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com